Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9212BIRZ Datasheet(PDF) 10 Page - Intersil Corporation

Part # ISL9212BIRZ
Description  Charging System Safety Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9212BIRZ Datasheet(HTML) 10 Page - Intersil Corporation

Back Button ISL9212BIRZ Datasheet HTML 3Page - Intersil Corporation ISL9212BIRZ Datasheet HTML 4Page - Intersil Corporation ISL9212BIRZ Datasheet HTML 5Page - Intersil Corporation ISL9212BIRZ Datasheet HTML 6Page - Intersil Corporation ISL9212BIRZ Datasheet HTML 7Page - Intersil Corporation ISL9212BIRZ Datasheet HTML 8Page - Intersil Corporation ISL9212BIRZ Datasheet HTML 9Page - Intersil Corporation ISL9212BIRZ Datasheet HTML 10Page - Intersil Corporation ISL9212BIRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
10
FN6399.0
March 21, 2007
voltage of the AC adapter. The actual peak voltage is
dependent on the damping factor that is mainly determined
by the parasitic resistance (R in Figure 25).
In practice, the input decoupling capacitor is recommended
to use a 16V X5R dielectric ceramic capacitor with a value
between 0.1µF to 1µF.
The output of the ISL9212B and the input of the charging
circuit typically share one decoupling capacitor. The
selection of that capacitor is mainly determined by the
requirement of the charging circuit. When using the ISL6292
family chargers, a 1µF, 6.3V, X5R capacitor is
recommended.
Layout Recommendation
The ISL9212B uses a thermally enhanced DFN package.
The exposed pad under the package should be connected to
the ground plane electrically as well as thermally. A grid of
1.0mm to 1.2mm pitch thermal vias in two rows and 4 to 5
vias per row is recommended (refer to the ISL9212BEVAL1
evaluation board layout). The vias should be about 0.3mm to
0.33mm in diameter. Use some copper on the component
layer if possible to further improve the thermal performance
but it is not mandatory.
Since the ISL9212B is a protection device, the layout should
also pay attention to the spacing between tracks. When the
distance between the edges of two tracks is less than
0.76mm, an FMEA (failure mechanism and effect analysis)
should be performed to ensure that a short between those
two tracks does not lead to the charger output exceeding the
“Lithium-Safe” region limits. Intersil will have the FMEA
document for the solution using the ISL9212B and the
ISL6292C chip set but the layout FMEA should be added as
part of the analysis.
ISL9212B


Similar Part No. - ISL9212BIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9212BIRZ RENESAS-ISL9212BIRZ Datasheet
877Kb / 11P
   Charging System Safety Circuit
More results

Similar Description - ISL9212BIRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com