Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SA568AD Datasheet(PDF) 6 Page - NXP Semiconductors

Part # SA568AD
Description  150MHz phase-locked loop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

SA568AD Datasheet(HTML) 6 Page - NXP Semiconductors

  SA568AD Datasheet HTML 1Page - NXP Semiconductors SA568AD Datasheet HTML 2Page - NXP Semiconductors SA568AD Datasheet HTML 3Page - NXP Semiconductors SA568AD Datasheet HTML 4Page - NXP Semiconductors SA568AD Datasheet HTML 5Page - NXP Semiconductors SA568AD Datasheet HTML 6Page - NXP Semiconductors SA568AD Datasheet HTML 7Page - NXP Semiconductors SA568AD Datasheet HTML 8Page - NXP Semiconductors SA568AD Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Philips Semiconductors
Product specification
NE/SA568A
150MHz phase-locked loop
1996 Feb 1
6
4.0
3.5
3.0
2.5
0
10 20 30 40 50 60 70 80 90 100 110 120
FREQUENCY (MHz)
SR01044
Figure 8. Typical Output Linearity
80
78
76
74
72
70
68
66
64
62
60
58
56
54
52
50
48
46
44
42
40
100
95
90
85
80
75
70
65
60
55
50
0.8
0.9
1.0
1.1
1.2
1.3
1.4
1.5
1.6
Frequency Adjust (k
Ω)
FO MHz
ICC
SR01045
Figure 9. NE568: Frequency Adjust vs FO and ICC


Similar Part No. - SA568AD

ManufacturerPart #DatasheetDescription
logo
Cirrus Logic
SA56 APEX-SA56 Datasheet
541Kb / 7P
   PULSE WIDTH MODULATION AMPLIFIER
SA56 APEX-SA56 Datasheet
370Kb / 7P
   PULSE WIDTH MODULATION AMPLIFIER
logo
List of Unclassifed Man...
SA56-11 ETC-SA56-11 Datasheet
729Kb / 6P
   14MM SINGLE DIGIT NUMERIC DISPLAYS
logo
Kingbright Corporation
SA56-11CGKWA KINGBRIGHT-SA56-11CGKWA Datasheet
348Kb / 6P
   14.2mm (0.56INCH) SINGLE DIGIT NUMERIC DISPLAY
SA56-11EWA KINGBRIGHT-SA56-11EWA Datasheet
162Kb / 3P
   Standard-Displays
More results

Similar Description - SA568AD

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
HEF4046B PHILIPS-HEF4046B Datasheet
416Kb / 15P
   Phase-locked loop
January 1995
logo
Z-Communications, Inc
PSA4230C-LF ZCOMM-PSA4230C-LF_11 Datasheet
93Kb / 2P
   PHASE LOCKED LOOP
PSN1100A ZCOMM-PSN1100A_10 Datasheet
74Kb / 2P
   PHASE LOCKED LOOP
PSA3005A ZCOMM-PSA3005A Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
PSA2220C-LF ZCOMM-PSA2220C-LF_10 Datasheet
84Kb / 2P
   PHASE LOCKED LOOP
PSN2710A ZCOMM-PSN2710A_10 Datasheet
78Kb / 2P
   PHASE LOCKED LOOP
PCA1401A ZCOMM-PCA1401A_10 Datasheet
72Kb / 2P
   PHASE LOCKED LOOP
PCA1550A-LF ZCOMM-PCA1550A-LF_10 Datasheet
75Kb / 2P
   PHASE LOCKED LOOP
logo
Integral Corp.
IN74HC4046A INTEGRAL-IN74HC4046A Datasheet
241Kb / 11P
   PHASE-LOCKED LOOP
logo
Z-Communications, Inc
PCA0090A ZCOMM-PCA0090A Datasheet
57Kb / 2P
   PHASE LOCKED LOOP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com