Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE592 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # NE592
Description  Video amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE592 Datasheet(HTML) 4 Page - NXP Semiconductors

  NE592 Datasheet HTML 1Page - NXP Semiconductors NE592 Datasheet HTML 2Page - NXP Semiconductors NE592 Datasheet HTML 3Page - NXP Semiconductors NE592 Datasheet HTML 4Page - NXP Semiconductors NE592 Datasheet HTML 5Page - NXP Semiconductors NE592 Datasheet HTML 6Page - NXP Semiconductors NE592 Datasheet HTML 7Page - NXP Semiconductors NE592 Datasheet HTML 8Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Philips Semiconductors RF Communications Products
Product specification
NE592
Video amplifier
April 15, 1992
253
DC ELECTRICAL CHARACTERISTICS
DC Electrical CharacteristicsVSS=±6V, VCM=0, 0°C ≤TA≤70°C, unless otherwise specified. Recommended operating supply voltages VS=±6.0V.
All specifications apply to both standard and high gain parts unless noted differently.
SYMBOL
PARAMETER
TEST CONDITIONS
NE592
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
AVOL
Differential voltage gain,
standard part
Gain 11
RL=2kΩ, VOUT=3VP-P
250
600
V/V
Gain 22, 4
80
120
V/V
RIN
Input resistance
Gain 22, 4
8.0
k
IOS
Input offset current
6.0
µA
IBIAS
Input bias current
40
µA
VIN
Input voltage range
±1.0
V
CMRR
Common-mode rejection ratio
Gain 24
VCM±1V, f<100kHz
50
dB
PSRR
Supply voltage rejection ratio
Gain 24
∆VS=±0.5V
50
dB
VOS
Output offset voltage
Gain 1
Gain 24
Gain 33
RL=∞
1.5
1.5
1.0
V
VOUT
Output voltage swing differential
RL=2kΩ
2.8
V
ICC
Power supply current
RL=∞
27
mA
NOTES:
1. Gain select Pins G1A and G1B connected together.
2. Gain select Pins G2A and G2B connected together.
3. All gain select pins open.
4. Applies to 14-pin versions only.
AC ELECTRICAL CHARACTERISTICS
TA=+25°C VSS=±6V, VCM=0, unless otherwise specified. Recommended operating supply voltages VS=±6.0V. All specifications apply to both
standard and high gain parts unless noted differently.
SYMBOL
PARAMETER
TEST CONDITIONS
NE/SA592
UNIT
Min
Typ
Max
BW
Bandwidth
Gain 11
Gain 22, 4
40
90
MHz
MHz
tR
Rise time
Gain 11
Gain 22, 4
VOUT=1VP-P
10.5
4.5
12
ns
ns
tPD
Propagation delay
Gain 11
Gain 22, 4
VOUT=1VP-P
7.5
6.0
10
ns
ns
NOTES:
1. Gain select Pins G1A and G1B connected together.
2. Gain select Pins G2A and G2B connected together.
3. All gain select pins open.
4. Applies to 14-pin versions only.


Similar Part No. - NE592

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
NE592 TI-NE592 Datasheet
337Kb / 7P
[Old version datasheet]   differential video amplififiers
logo
ON Semiconductor
NE592 ONSEMI-NE592 Datasheet
173Kb / 12P
   Video Amplifier
October, 2006 ??Rev. 4
NE592 ONSEMI-NE592 Datasheet
102Kb / 10P
   Video Amplifier
March, 2016 ??Rev. 5
logo
Intersil Corporation
NE592-8 INTERSIL-NE592-8 Datasheet
4Mb / 122P
   P-CHANNEL JFET
logo
Texas Instruments
NE592D TI-NE592D Datasheet
337Kb / 7P
[Old version datasheet]   differential video amplififiers
More results

Similar Description - NE592

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJM592 NJRC-NJM592 Datasheet
193Kb / 7P
   VIDEO AMPLIFIER
logo
ON Semiconductor
NE592 ONSEMI-NE592_16 Datasheet
102Kb / 10P
   Video Amplifier
March, 2016 ??Rev. 5
logo
Agamem Microelectronic ...
AA8500 AGAMEM-AA8500 Datasheet
41Kb / 1P
   VIDEO AMPLIFIER
AA8630 AGAMEM-AA8630 Datasheet
153Kb / 6P
   VIDEO AMPLIFIER
AA8500AP AGAMEM-AA8500AP Datasheet
160Kb / 5P
   VIDEO AMPLIFIER
logo
Mitsumi Electronics, Co...
MM1002 MITSUMI-MM1002 Datasheet
104Kb / 6P
   Video Amplifier
logo
ON Semiconductor
NE592 ONSEMI-NE592 Datasheet
173Kb / 12P
   Video Amplifier
October, 2006 ??Rev. 4
logo
NXP Semiconductors
NE5592 PHILIPS-NE5592 Datasheet
63Kb / 6P
   Video amplifier
1987 Oct 20
logo
Zetex Semiconductors
ZXFV202 ZETEX-ZXFV202 Datasheet
34Kb / 2P
   Video Amplifier
logo
Mitsumi Electronics, Co...
MM1207 MITSUMI-MM1207 Datasheet
129Kb / 5P
   85MHz RGB Video Amplifier/130MHz RGB Video Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com