Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE590N Datasheet(PDF) 1 Page - NXP Semiconductors

Part # NE590N
Description  Addressable peripheral drivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE590N Datasheet(HTML) 1 Page - NXP Semiconductors

  NE590N Datasheet HTML 1Page - NXP Semiconductors NE590N Datasheet HTML 2Page - NXP Semiconductors NE590N Datasheet HTML 3Page - NXP Semiconductors NE590N Datasheet HTML 4Page - NXP Semiconductors NE590N Datasheet HTML 5Page - NXP Semiconductors NE590N Datasheet HTML 6Page - NXP Semiconductors NE590N Datasheet HTML 7Page - NXP Semiconductors NE590N Datasheet HTML 8Page - NXP Semiconductors NE590N Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
NE590/591
Addressable peripheral drivers
518
August 31, 1994
853-0951 13721
DESCRIPTION
The NE590/591 addressable peripheral drivers are high current
latched drivers, similar in function to the 9334 address decoder. The
device has eight Darlington power outputs, each capable of 250mA
load current. The outputs are turned on or off by respectively loading
a logic high or logic low into the device data input. The required
output is defined by a 3-bit address. The device must be enabled by
a CE input line. A common clear input, CLR, turns all outputs off
when a logic low is applied.
The NE590 has eight open-collector Darlington outputs which sink
current to ground. The device is packaged in a 16-pin plastic or
Cerdip package.
The NE591 has eight open-emitter Darlington outputs which source
current to an external load from a common collector line, VS. This
VS line need not necessarily be the same as the 5V VCC supply. The
device is packaged in an 18-pin plastic or Cerdip package.
FEATURES
8 high current outputs
Low-loading bus compatible inputs
Power-on clear ensures safe operation
NE590 will operate in addressable or demultiplex mode
Allows random (addressed) data entry
Easily expandable
NE590 is pin compatible with 54/74LS259
APPLICATIONS
Relay driver
Indicator lamp driver
Triac trigger
LED display digit driver
Stepper motor driver
PIN CONFIGURATIONS
N Package
NE590
N Package
NE591
1
2
3
4
5
6
7
8
9
10
11
12
13
14
16
15
TOP VIEW
1
2
3
4
5
6
7
8
11
12
13
14
15
16
18
17
9
10
A0
A1
A2
Q0
Q1
Q2
Q3
GND
A0
A1
A2
Q0
Q1
Q2
Q3
GND
CS
VCC
CLR
CE
D
Q7
Q6
Q5
Q4
VCC
CLR
CE
D
Q7
Q6
Q5
Q4
VS
TOP VIEW
ORDERING INFORMATION
DESCRIPTION
TEMPERATURE RANGE
ORDER CODE
DWG #
16-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE590N
0406C
18-Pin Plastic Dual In-Line Package (DIP)
0 to +70
°C
NE591N
0406C


Similar Part No. - NE590N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5900 PHILIPS-NE5900 Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
NE5900DK PHILIPS-NE5900DK Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
NE5900N PHILIPS-NE5900N Datasheet
50Kb / 7P
   Call progress decoder
1986 May 8
More results

Similar Description - NE590N

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75436 TI-SN75436 Datasheet
80Kb / 5P
[Old version datasheet]   QUADRUPLE PERIPHERAL DRIVERS
SN55461 TI1-SN55461_14 Datasheet
539Kb / 17P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75476 TI1-SN75476_14 Datasheet
449Kb / 14P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_08 Datasheet
557Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55461 TI-SN55461 Datasheet
301Kb / 13P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SNJ55451BJG TI-SNJ55451BJG Datasheet
150Kb / 9P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75462DG4 TI-SN75462DG4 Datasheet
517Kb / 16P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75446 TI1-SN75446_08 Datasheet
115Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN75471 TI-SN75471 Datasheet
121Kb / 7P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
SN55451B TI-SN55451B_07 Datasheet
527Kb / 20P
[Old version datasheet]   DUAL PERIPHERAL DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com