Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8121 Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL8121
Description  3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8121 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL8121 Datasheet HTML 1Page - Intersil Corporation ISL8121 Datasheet HTML 2Page - Intersil Corporation ISL8121 Datasheet HTML 3Page - Intersil Corporation ISL8121 Datasheet HTML 4Page - Intersil Corporation ISL8121 Datasheet HTML 5Page - Intersil Corporation ISL8121 Datasheet HTML 6Page - Intersil Corporation ISL8121 Datasheet HTML 7Page - Intersil Corporation ISL8121 Datasheet HTML 8Page - Intersil Corporation ISL8121 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 26 page
background image
5
FN6352.1
October 18, 2006
Absolute Maximum Ratings
Supply Voltage, VCC, PVCC . . . . . . . . . . . . . . . . . . . -0.3V to +6.5V
Shunt Regulator Voltage, VVREG . . . . . . . . . . . . . . . -0.3V to +6.5V
Boot Voltage, VBOOT. . . . . . . . . . . . . PGND - 0.3V to PGND + 27V
Phase Voltage, VPHASE . . . . . . . . . . VBOOT - 7V to VBOOT + 0.3V
Upper Gate Voltage, VUG . . . . . . . VPHASE - 0.3V to VBOOT + 0.3V
Lower Gate Voltage, VLG. . . . . . . . . . . PGND - 0.3V to VCC + 0.3V
Input, Output, or I/O Voltage . . . . . . . . . GND - 0.3V to VCC + 0.3V
Recommended Operating Conditions
Supply Voltage, VCC . . . . . . . . . . . . . . . . . . . . . . . . . +4.9V to +5.5V
Ambient Temperature. . . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Junction Temperature Range. . . . . . . . . . . . . . . . . .-40°C to +125°C
Thermal Information
Thermal Resistance
θJA (°C/W) θJC (°C/W)
QFN Package (Notes 1, 2). . . . . . . . . .
43
7
Maximum Junction Temperature (Note 3) . . . . . . . . . . . . . . . +150°C
Maximum Storage Temperature Range . . . . . . . . . .-65°C to +150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . +300°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
150°C max junction temperature is intended for short periods of time to prevent shortening the lifetime. Operation close to 150°C junction may trigger the shutdown of
the device even before 150°C since this number is specified as typical.
NOTES:
1.
θJA is measured in free air with the component mounted on a high effective thermal conductivity test board with “direct attach” features. See
Tech Brief TB379.
2. For
θJC, the “case temp” location is the center of the exposed metal pad on the package underside.
3. Operation with die temperatures between +125°C and +150°C can be tolerated for short periods of time, however, in order to maximize the
operating life of the IC, it is strongly recommended that the effective continuous operating junction temperature of the die should not exceed
+125°C.
Electrical Specifications
Operating Conditions: VCC = 5V, TJ = -40°C to +85°C, unless otherwise specified
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNITS
BIAS SUPPLY AND INTERNAL OSCILLATOR
Input Bias Supply Current
IVCC; EN >0.7V; LG, UG open
7.6
9
mA
Rising VCC POR (Power-On Reset) Threshold
4.30
4.40
4.50
V
VCC POR Hysteresis
0.46
0.51
0.58
V
Rising PVCC POR Threshold
3.60
3.67
3.75
V
Shunt Regulation
VVCC; IVREG = 0 to 120mA
4.90
5.10
5.35
V
Maximum Shunt Current
IVREG_MAX
120
mA
Switching Frequency (per channel; Note 5)
FSW
150
2000
kHz
Frequency Tolerance
FSW
-10
10
%
Oscillator Peak-to-Peak Ramp Amplitude
VOSC
1.4
V
Maximum Duty Cycle
dMAX
66
%
CONTROL THRESHOLDS
EN Threshold
0.65
V
EN Hysteresis Current
20
µA
VMON Power-Good Enable Threshold
VVMON_TH
290
305
320
mV
VMON Hysteresis Current
10
µA
SOFT-START
SS Current
ISS
22
µA
SS Ramp Amplitude
0.55
3.60
V
SS Threshold for Output Gates Turn-Off
0.40
V
REFERENCE AND DAC
System Accuracy (Industrial Temp. Range)
-0.8
0.8
%
Internal Reference
VREF
0.6
V
ISL8121
ISL8121


Similar Part No. - ISL8121

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8121 INTERSIL-ISL8121 Datasheet
609Kb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8121 RENESAS-ISL8121 Datasheet
1Mb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Intersil Corporation
ISL8121IRZ INTERSIL-ISL8121IRZ Datasheet
609Kb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8121IRZ RENESAS-ISL8121IRZ Datasheet
1Mb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
More results

Similar Description - ISL8121

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8121 INTERSIL-ISL8121 Datasheet
609Kb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Renesas Technology Corp
ISL8121 RENESAS-ISL8121 Datasheet
1Mb / 26P
   3V to 20V, Two-Phase Buck PWM Controller with Integrated 4A MOSFET Drivers
logo
Anpec Electronics Corop...
APW7088 ANPEC-APW7088 Datasheet
584Kb / 25P
   Two-Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098 Datasheet
657Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
APW7098 ANPEC-APW7098_11 Datasheet
655Kb / 30P
   Two- Phase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315 Datasheet
519Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Renesas Technology Corp
ISL6315 RENESAS-ISL6315 Datasheet
907Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
logo
Intersil Corporation
ISL6315 INTERSIL-ISL6315_07 Datasheet
392Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL6563 INTERSIL-ISL6563 Datasheet
516Kb / 19P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
ISL8101 INTERSIL-ISL8101 Datasheet
404Kb / 20P
   Two-Phase Multiphase Buck PWM Controller with Integrated MOSFET Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com