Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6268CAZ Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL6268CAZ
Description  High-Performance Notebook PWM Controller
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6268CAZ Datasheet(HTML) 1 Page - Intersil Corporation

  ISL6268CAZ Datasheet HTML 1Page - Intersil Corporation ISL6268CAZ Datasheet HTML 2Page - Intersil Corporation ISL6268CAZ Datasheet HTML 3Page - Intersil Corporation ISL6268CAZ Datasheet HTML 4Page - Intersil Corporation ISL6268CAZ Datasheet HTML 5Page - Intersil Corporation ISL6268CAZ Datasheet HTML 6Page - Intersil Corporation ISL6268CAZ Datasheet HTML 7Page - Intersil Corporation ISL6268CAZ Datasheet HTML 8Page - Intersil Corporation ISL6268CAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
1
®
FN6348.0
ISL6268
High-Performance Notebook PWM
Controller
The ISL6268 IC is a Single-Phase Synchronous-Buck PWM
controller featuring Intersil's Robust Ripple Regulator (R3)
technology that delivers truly superior dynamic response to
input voltage and output load transients. Integrated
MOSFET drivers and bootstrap diode result in fewer
components and smaller implementation area.
Intersil’s R3 technology combines the best features of
fixed-frequency PWM and hysteretic PWM while eliminating
many of their shortcomings. R3 technology employs an
innovative modulator that synthesizes an AC ripple voltage
signal VR, analogous to the output inductor ripple current. The
AC signal VR enters a window comparator where the lower
threshold is the error amplifier output VCOMP, and the upper
threshold is a programmable voltage reference VW, resulting
in generation of the PWM signal. The voltage reference VW
sets the steady-state PWM frequency. Both edges of the
PWM can be modulated in response to input voltage
transients and output load transients, much faster than
conventional fixed-frequency PWM controllers. Unlike a
conventional hysteretic converter, the ISL6268 has an error
amplifier that provides ±1% voltage regulation at the FB pin.
The ISL6268 has a 1.5ms digital soft-start and can be
started into a pre-biased output voltage. A resistor divider is
used to program the output voltage setpoint. The ISL6268
normally operates in continuous-conduction-mode (CCM),
automatically entering diode-emulation-mode (DEM) at low
load for optimum efficiency. In CCM the converter operates
as a synchronous rectifier. In DEM the low-side MOSFET
stays off, blocking negative current flow from the output
inductor.
Pinout
ISL6268 (16 LD SSOP)
TOP VIEW
Features
• High performance R3 technology
• Fast transient response
• ±1% regulation accuracy: -10°C to +100°C
• Wide input voltage range: +7.0V to +25.0V
• Output voltage range: +0.6V to +3.3V
• Wide output load range: 0A to 25A
• Diode emulation mode for increased light load efficiency
• Programmable PWM frequency: 200kHz to 600kHz
• Pre-biased output start-up capability
• Integrated MOSFET drivers and bootstrap diode
• Internal digital soft-start
• Power good monitor
• Fault protection
- Undervoltage protection
- Soft crowbar overvoltage protection
- Low-side MOSFET r DS(on) overcurrent protection
- Over-temperature protection
- Fault identification by PGOOD pull-down resistance
• Pb-free plus anneal available (RoHS compliant)
Applications
• PCI express graphical processing unit
• Auxiliary power rail
•VRM
• Network adapter
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
PHASE
PGOOD
VIN
VCC
EN
COMP
GND
FB
UG
PVCC
LG
PGND
ISEN
VO
FSET
BOOT
Ordering Information
PART
NUMBER
PART
MARKING TEMP (°C)
PACKAGE
PKG.
DWG. #
ISL6268CAZ
(Note)
6268CAZ
-10 to +100 16 Ld QSOP
(Pb-free)
M16.15A
ISL6268CAZ-T
(Note)
6268CAZ
16 Ld QSOP Tape and
Reel (Pb-free)
M16.15A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100%
matte tin plate termination finish, which are RoHS compliant and
compatible with both SnPb and Pb-free soldering operations. Intersil
Pb-free products are MSL classified at Pb-free peak reflow
temperatures that meet or exceed the Pb-free requirements of
IPC/JEDEC J STD-020.
Data Sheet
August 22, 2006
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.


Similar Part No. - ISL6268CAZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6268CAZ RENESAS-ISL6268CAZ Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
ISL6268CAZ-T RENESAS-ISL6268CAZ-T Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
More results

Similar Description - ISL6268CAZ

ManufacturerPart #DatasheetDescription
logo
Anpec Electronics Corop...
APW8814 ANPEC-APW8814 Datasheet
475Kb / 24P
   High-Performance Notebook PWM Controller
APW8815 ANPEC-APW8815 Datasheet
539Kb / 28P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269ACRZ INTERSIL-ISL6269ACRZ Datasheet
420Kb / 15P
   High-Performance Notebook PWM Controller
November 18, 2014
logo
Renesas Technology Corp
ISL6269A RENESAS-ISL6269A Datasheet
727Kb / 15P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269A INTERSIL-ISL6269A Datasheet
389Kb / 13P
   High-Performance Notebook PWM Controller
logo
Anpec Electronics Corop...
APW7138 ANPEC-APW7138 Datasheet
553Kb / 26P
   High-Performance Notebook PWM Controller
APW8828 ANPEC-APW8828 Datasheet
409Kb / 22P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269AIRZ-T INTERSIL-ISL6269AIRZ-T Datasheet
319Kb / 14P
   High-Performance Notebook PWM Controller
logo
Renesas Technology Corp
ISL6268 RENESAS-ISL6268 Datasheet
731Kb / 14P
   High-Performance Notebook PWM Controller
logo
Intersil Corporation
ISL6269B INTERSIL-ISL6269B Datasheet
321Kb / 14P
   High-Performance Notebook PWM Controller with Audio-Frequency Clamp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com