Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGB7016-SC-0G00 Datasheet(PDF) 4 Page - Mimix Broadband

Part # CGB7016-SC-0G00
Description  DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

CGB7016-SC-0G00 Datasheet(HTML) 4 Page - Mimix Broadband

  CGB7016-SC-0G00 Datasheet HTML 1Page - Mimix Broadband CGB7016-SC-0G00 Datasheet HTML 2Page - Mimix Broadband CGB7016-SC-0G00 Datasheet HTML 3Page - Mimix Broadband CGB7016-SC-0G00 Datasheet HTML 4Page - Mimix Broadband CGB7016-SC-0G00 Datasheet HTML 5Page - Mimix Broadband CGB7016-SC-0G00 Datasheet HTML 6Page - Mimix Broadband CGB7016-SC-0G00 Datasheet HTML 7Page - Mimix Broadband CGB7016-SC-0G00 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
Page 4 of 8
Typical Scattering Parameters
(Vd = +4.3V, Icc = 77 mA, T = 23°C, device in a 50 ohm system)
CGB7016-SC (-BD)
Frequency
S11
S 21
S 12
S 22
(MHz)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
(Mag)
(Ang)
100
0.23
173
16.8
172
0.05
1
0.20
178
200
0.23
167
16.5
164
0.05
1
0.20
176
300
0.22
161
16.3
157
0.05
2
0.20
173
400
0.21
154
15.9
149
0.05
2
0.20
171
500
0.20
148
15.5
142
0.05
3
0.20
169
600
0.19
142
15.1
135
0.05
3
0.20
167
700
0.18
137
14.7
128
0.05
3
0.20
164
800
0.17
132
14.2
122
0.05
3
0.20
162
900
0.16
127
13.7
115
0.05
3
0.20
160
1000
0.15
122
13.2
109
0.06
3
0.20
158
1100
0.14
117
12.8
103
0.06
2
0.20
155
1200
0.12
112
12.3
97
0.06
2
0.20
153
1300
0.11
107
11.9
92
0.06
1
0.20
150
1400
0.10
102
11.4
86
0.06
1
0.20
148
1500
0.09
98
11.0
81
0.06
0
0.19
145
1600
0.08
94
10.6
76
0.07
-1
0.19
143
1700
0.07
89
10.2
70
0.07
-2
0.19
140
1800
0.06
85
9.9
66
0.07
-3
0.19
137
1900
0.05
80
9.5
61
0.07
-4
0.19
135
2000
0.04
75
9.2
56
0.07
-6
0.19
132
2100
0.03
70
8.9
51
0.08
-7
0.19
129
2200
0.03
64
8.6
47
0.08
-9
0.19
127
2300
0.02
57
8.3
42
0.08
-10
0.18
124
2400
0.01
45
8.0
38
0.08
-12
0.18
121
2500
0.01
17
7.8
33
0.08
-13
0.18
119
2600
0.01
-46
7.5
29
0.09
-15
0.18
116
2700
0.01
-85
7.3
25
0.09
-17
0.18
113
2800
0.01
-99
7.1
20
0.09
-19
0.18
110
2900
0.02
-112
6.9
16
0.09
-20
0.18
108
3000
0.02
-118
6.7
12
0.09
-22
0.18
105
3100
0.03
-124
6.5
8
0.10
-24
0.18
102
3200
0.03
-129
6.4
4
0.10
-26
0.18
100
3300
0.03
-135
6.2
0
0.10
-28
0.18
97
3400
0.03
-142
6.0
-4
0.10
-31
0.18
94
3500
0.04
-147
5.9
-8
0.10
-33
0.18
91
3600
0.04
-151
5.7
-12
0.11
-35
0.18
88
3700
0.04
-156
5.6
-16
0.11
-37
0.18
85
3800
0.04
-162
5.5
-20
0.11
-39
0.19
82
3900
0.04
-170
5.4
-24
0.11
-42
0.19
79
4000
0.04
-177
5.2
-28
0.12
-44
0.19
76
4100
0.03
175
5.1
-32
0.12
-46
0.20
73
4200
0.03
167
5.0
-36
0.12
-49
0.20
70
4300
0.03
158
4.9
-39
0.12
-51
0.21
67
4400
0.03
145
4.8
-43
0.12
-54
0.21
63
4500
0.03
130
4.7
-47
0.13
-56
0.22
60
4600
0.03
115
4.6
-51
0.13
-58
0.23
56
4700
0.03
100
4.5
-55
0.13
-61
0.23
53
4800
0.03
85
4.4
-59
0.13
-64
0.24
50
4900
0.04
71
4.3
-63
0.13
-66
0.25
47
5000
0.04
58
4.2
-67
0.14
-69
0.26
43
Continues Next Page.
S-Parameter Data Files are available online at: www.mimixbroadband.com
DC-6.0 GHz InGaP HBT, MMIC or Packaged
Matched Gain Block Amplifier
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
March 2007 - Rev 02-Mar-07


Similar Part No. - CGB7016-SC-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7016-SC-0G00 MIMIX-CGB7016-SC-0G00 Datasheet
218Kb / 7P
   DC-8.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
More results

Similar Description - CGB7016-SC-0G00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
CGB7010-SC MIMIX-CGB7010-SC Datasheet
531Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7007-SC_0608 MIMIX-CGB7007-SC_0608 Datasheet
607Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7009-SC_0608 MIMIX-CGB7009-SC_0608 Datasheet
555Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7001-SC_0609 MIMIX-CGB7001-SC_0609 Datasheet
750Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7003-SC MIMIX-CGB7003-SC Datasheet
473Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7005-SC MIMIX-CGB7005-SC Datasheet
474Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7012-SC MIMIX-CGB7012-SC Datasheet
541Kb / 7P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7010-SC_0609 MIMIX-CGB7010-SC_0609 Datasheet
571Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged, Matched Gain Block Amplifier
CGB7006-SC_0608 MIMIX-CGB7006-SC_0608 Datasheet
600Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
CGB7004-SC_0608 MIMIX-CGB7004-SC_0608 Datasheet
513Kb / 8P
   DC-6.0 GHz InGaP HBT, MMIC or Packaged Matched Gain Block Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com