Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL54205EVAL1Z Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL54205EVAL1Z
Description  MP3/USB 2.0 High Speed Switch with Negative Signal Handling
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL54205EVAL1Z Datasheet(HTML) 5 Page - Intersil Corporation

  ISL54205EVAL1Z Datasheet HTML 1Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 2Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 3Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 4Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 5Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 6Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 7Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 8Page - Intersil Corporation ISL54205EVAL1Z Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
5
FN6342.1
December 7, 2006
Input Current, IBUSH
VDD = 3.6V, VBUS = 5.25V, CTRL = 0V or float
Full
-2
1.1
2
μA
Input Current, ICTRLH
VDD = 3.6V, VBUS = 0V or float, CTRL = 3.6V
Full
-2
1.1
-2
μA
VBUS Pull-Down Resistor, RVBUS
VDD = 3.6V, VBUS = 5.25V, CTRL = 0V or float
Full
-
4
-
M
Ω
CTRL Pull-Down Resistor, RCTRL
VDD = 3.6V, VBUS = 0V or float, CTRL = 3.6V
Full
-
4
-
M
Ω
NOTES:
4. VLOGIC = Input voltage to perform proper function.
5. The algebraic convention, whereby the most negative value is a minimum and the most positive a maximum, is used in this data sheet.
6. Parts are 100% tested at +25°C. Limits across the full temperature range are guaranteed by design and correlation.
7. Flatness is defined as the difference between maximum and minimum value of on-resistance over the specified analog signal range.
8. Guaranteed by design.
9. rON matching between channels is calculated by subtracting the channel with the highest max rON value from the channel with lowest max rON
value, between L and R or between D+ and D-.
Test Circuits and Waveforms
Logic input waveform is inverted for switches that have the opposite
logic sense.
FIGURE 1A. MEASUREMENT POINTS
Repeat test for all switches. CL includes fixture and stray
capacitance.
FIGURE 1B. TEST CIRCUIT
FIGURE 1. SWITCHING TIMES
Electrical Specifications - 2.7V to 3.6V Supply Test Conditions: VDD = +3.0V, GND = 0V, VBUSH = 3.8V, VBUSL = 3.2V,
VCTRLH = 1.4V, VCTRLL = 0.5V, (Notes 4, 6), unless otherwise specified.
(Continued)
PARAMETER
TEST CONDITIONS
TEMP
(°C)
MIN
(Note 5)
TYP
MAX
(Note 5)
UNITS
50%
tr < 20ns
tf < 20ns
tOFF
90%
VBUSH
0V
VINPUT
VBUSL
tON
LOGIC
INPUT
SWITCH
INPUT
SWITCH
OUTPUT
90%
VOUT
V
OUT
V
(INPUT)
R
L
R
L
r
ON
()
+
----------------------------
=
SWITCH
INPUT
VBUS
VOUT
RL
CL
COMX
AUDIO OR USB
VBUS
50
Ω
10pF
GND
VDD
C
CTRL
VINPUT
ISL54205A


Similar Part No. - ISL54205EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54205EVAL1Z INTERSIL-ISL54205EVAL1Z Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205EVAL1Z RENESAS-ISL54205EVAL1Z Datasheet
767Kb / 14P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205EVAL1Z RENESAS-ISL54205EVAL1Z Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results

Similar Description - ISL54205EVAL1Z

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL54206 INTERSIL-ISL54206 Datasheet
342Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54205B RENESAS-ISL54205B Datasheet
1Mb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A INTERSIL-ISL54206A Datasheet
1Mb / 19P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54205B INTERSIL-ISL54205B Datasheet
706Kb / 16P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 INTERSIL-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Renesas Technology Corp
ISL54206 RENESAS-ISL54206 Datasheet
751Kb / 13P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54206A RENESAS-ISL54206A Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
ISL54212 RENESAS-ISL54212 Datasheet
1Mb / 15P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
logo
Intersil Corporation
ISL54206A_1010 INTERSIL-ISL54206A_1010 Datasheet
1Mb / 20P
   MP3/USB 2.0 High Speed Switch with Negative Signal Handling
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com