Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL65426 Datasheet(PDF) 22 Page - Intersil Corporation

Part No. ISL65426
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL65426 Datasheet(HTML) 22 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 22 / 22 page
background image
22
All Intersil U.S. products are manufactured, assembled and tested utilizing ISO9000 quality systems.
Intersil Corporation’s quality certifications can be viewed at www.intersil.com/design/quality
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time without
notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be accurate and
reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third parties which may result
from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN6340.2
February 21, 2007
ISL65426
L50.5x10
50 LEAD QUAD FLAT NO-LEAD PLASTIC PACKAGE
Rev 0, 7/06
0.10 M C A B
MC
0.05
0.15
0.08 C
0.10 C
A
B
C
C
5.00
0.40±0.10
4.20
0.50x7=3.50 REF
3.30
0.25
0.50
4.80
3.30
A
A
4
(4X)
SEATING PLANE
MAX. 1.00
5
0.2 REF
0.05 MAX.
SEE DETAIL "X"
0.00 MIN.
(C 0.40)
1
50
43
42
26
17
25
18
(50 x 0.25)
(50 x 0.60)
8.10
(46 x 0.50)
9.80
TOP VIEW
BOTTOM VIEW
VIEW "A-A"
SIDE VIEW
DETAIL "X"
NOTES:
4. DIMENSION LEAD WIDTH APPLIES TO THE PLATED TERMINAL
AND IS MEASURED BETWEEN 0.23MM AND 0.28MM FROM
2. UNLESS OTHERWISE SPECIFIED TOLERANCE : DECIMAL ±0.05
3. DIMENSIONING AND TOLERANCE PER ASME Y 14.5M-1994.
1. CONTROLLING DIMENSIONS ARE IN MM.
THE TERMINAL TIP.
ANGULAR ±2×
5. TIEBAR SHOWN (if present) IS A NON-FUNCTIONAL FEATURE
RECOMMENDED LAND PATTERN
PIN 1 INDEX AREA
PIN 1
INDEX AREA


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn