Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL65426 Datasheet(PDF) 13 Page - Intersil Corporation

Part No. ISL65426
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL65426 Datasheet(HTML) 13 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 13 / 22 page
background image
13
FN6340.2
February 21, 2007
FIGURE 28. START-UP VOUT2 = 3.3V (FULL-LOAD)
FIGURE 29. VOUT1 = 1.2V LOAD TRANSIENT
FIGURE 30. VOUT1 = 1.2V LOAD TRANSIENT
FIGURE 31. VOUT1 = 1.2V OUTPUT SHORT CIRCUIT
FIGURE 32. VOUT1 = 1.2V OUTPUT SHORT CIRCUIT
RECOVERY
FIGURE 33. VOUT2 = 3.3V OUTPUT SHORT CIRCUIT
Typical Performance Curves
Circuit of Figure 2. VIN = 5V, IOUT1 = 4A, IOUT2 = 2A, TA = -10°C to +100°C unless otherwise
noted. Typical values are at TA = +25°C. (Continued)
VOUT2 1V/DIV
EN2 5V/DIV
IL2 1A/DIV
PG2 5V/DIV
IOUT1 1A/DIV
VOUT1 RIPPLE 20mV/DIV
VOUT2 RIPPLE 20mV/DIV
IOUT1 500mA/DIV
VOUT1 RIPPLE 20mV/DIV
VOUT2 RIPPLE 50mV/DIV
VOUT1 500mV/DIV
LX1 5V/DIV
IL1 5A/DIV
PG1 5V/DIV
VOUT1 500mV/DIV
LX1 5V/DIV
IL1 5A/DIV
PG1 5V/DIV
VOUT2 1V/DIV
LX2 5V/DIV
IL2 5A/DIV
PG2 5V/DIV
ISL65426


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn