Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL65426 Datasheet(PDF) 10 Page - Intersil Corporation

Part No. ISL65426
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL65426 Datasheet(HTML) 10 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
10
FN6340.2
February 21, 2007
FIGURE 10. VOUT1 = 1.2V REGULATION vs LOAD
FIGURE 11. VOUT1 = 1.2V REGULATION vs VIN
FIGURE 12. VOUT1 = 1.5V REGULATION vs LOAD
FIGURE 13. VOUT1 = 1.5V REGULATION vs VIN
FIGURE 14. VOUT1 = 1.8V REGULATION vs LOAD
FIGURE 15. VOUT1 = 1.8V REGULATION vs VIN
Typical Performance Curves
Circuit of Figure 2. VIN = 5V, IOUT1 = 4A, IOUT2 = 2A, TA = -10°C to +100°C unless otherwise
noted. Typical values are at TA = +25°C. (Continued)
1.165
1.175
1.185
1.195
1.205
1.215
1.225
1.235
0.1
1.0
2.0
3.0
OUTPUT LOAD (A)
5.5VIN
3.3VIN
2.5VIN
4.0
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
INPUT VOLTAGE (V)
NO LOAD
2A LOAD
4A LOAD
1.165
1.175
1.185
1.195
1.205
1.215
1.225
1.235
1.455
1.465
1.475
1.485
1.495
1.505
1.515
1.525
1.535
1.545
OUTPUT LOAD (A)
5.5VIN
3.3VIN
2.5VIN
0.1
1.0
2.0
3.0
4.0
1.455
1.465
1.475
1.485
1.495
1.505
1.515
1.525
1.535
1.545
INPUT VOLTAGE (V)
NO LOAD
2A LOAD
4A LOAD
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
OUTPUT LOAD (A)
5.5VIN
3.3VIN
2.5VIN
0.1
1.0
2.0
3.0
4.0
1.745
1.765
1.785
1.805
1.825
1.845
1.745
1.765
1.785
1.805
1.825
1.845
INPUT VOLTAGE (V)
NO LOAD
2A LOAD
4A LOAD
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
ISL65426


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn