Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL65426 Datasheet(PDF) 9 Page - Intersil Corporation

Part No. ISL65426
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL65426 Datasheet(HTML) 9 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
9
FN6340.2
February 21, 2007
Typical Performance Curves
Circuit of Figure 2. VIN = 5V, IOUT1 = 4A, IOUT2 = 2A, TA = -10°C to +100°C unless otherwise
noted. Typical values are at TA = +25°C.
FIGURE 4. VOUT1 = 1.2V EFFICIENCY vs LOAD
FIGURE 5. VOUT1 = 1.5V EFFICIENCY vs LOAD
FIGURE 6. VOUT1 = 1.8V EFFICIENCY vs LOAD
FIGURE 7. VOUT2 = 1.8V EFFICIENCY vs LOAD
FIGURE 8. VOUT2 = 2.5V EFFICIENCY VS LOAD
FIGURE 9. VOUT2 = 3.3V EFFICIENCY vs LOAD
OUTPUT LOAD (A)
0.1
1.0
2.0
3.0
4.0
2.5VIN
3.3VIN
5.5VIN
0
10
20
30
40
50
60
70
80
90
100
0
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (A)
2.5VIN
3.3VIN
5.5VIN
0.1
1.0
2.0
3.0
4.0
0
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (A)
2.5VIN
3.3VIN
5.5VIN
0.1
1.0
2.0
3.0
4.0
0
10
20
30
40
50
60
70
80
90
100
0.1
0.5
1.0
1.5
OUTPUT LOAD (A)
2.0
2.5VIN
3.3VIN
5.5VIN
0
10
20
30
40
50
60
70
80
90
100
0.1
0.5
1.0
1.5
OUTPUT LOAD (A)
5.5VIN
4VIN
3VIN
2.0
0
10
20
30
40
50
60
70
80
90
100
OUTPUT LOAD (A)
5.5VIN
4.5VIN
5VIN
0.1
0.5
1.0
1.5
2.0
ISL65426


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn