Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL65426 Datasheet(PDF) 6 Page - Intersil Corporation

Part No. ISL65426
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL65426 Datasheet(HTML) 6 Page - Intersil Corporation

Zoom Inzoom in Zoom Outzoom out
 6 / 22 page
background image
6
FN6340.2
February 21, 2007
Functional Block Diagram
SOFT
START
COMPENSATION
EA
GM
SLOPE
COMPENSATION
GATE
DRIVE
CURRENT
SENSE
LXx
PVINx
CONTROL
LOGIC
PWM
FB2
OV UV
PGOOD2
POWER-ON
RESET (POR)
PWM
REFERENCE
0.60V
POWER
DEVICE
CONFIG
POWER GOOD
SOFT
START
COMPENSATION
EA
GM
SLOPE
COMPENSATION
GATE
DRIVE
CURRENT
SENSE
LXx
PVINx
CONTROL
LOGIC
PWM
FB1
UV
PGOOD1
POWER GOOD
VCC GND
PVINx
POR
EN1
EN2
V2SET1
V2SET2
V1SET1
V1SET2
OUTPUT
VOLTAGE
CONFIG
OUTPUT
VOLTAGE
CONFIG
THERMAL
MONITOR
EPAD GND
EPAD GND
SOFT
START
EN
ISET1
ISET2
ISL65426


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn