Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL65426 Datasheet(PDF) 5 Page - Intersil Corporation

Part No. ISL65426
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL65426 Datasheet(HTML) 5 Page - Intersil Corporation

  ISL65426_07 Datasheet HTML 1Page - Intersil Corporation ISL65426_07 Datasheet HTML 2Page - Intersil Corporation ISL65426_07 Datasheet HTML 3Page - Intersil Corporation ISL65426_07 Datasheet HTML 4Page - Intersil Corporation ISL65426_07 Datasheet HTML 5Page - Intersil Corporation ISL65426_07 Datasheet HTML 6Page - Intersil Corporation ISL65426_07 Datasheet HTML 7Page - Intersil Corporation ISL65426_07 Datasheet HTML 8Page - Intersil Corporation ISL65426_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
5
FN6340.2
February 21, 2007
FIGURE 3. TYPICAL APPLICATION FOR 5A:1A CONFIGURATION
Typical Application Schematics (Continued)
PGND
FB2
100
μF
C3
L2
2.2
μH
3.3V
0.1
μF
C5
5.0V
22
μF
C4
5.0V
5.0V
VCC
PVIN5
GND
FB1
330
μF
C2
L1
1.0
μH
2.5V
5.0V
22
μF
C1
LX1
PVIN1
PVIN2
LX2
5.0V
ISL65426
LX3
5A
1A
LX5
LX4
PVIN3
PVIN4
5.0V
22
μF
C2
PVIN6
LX6
10k
Ω
31.6k
Ω
ISL65426


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn