Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL65426 Datasheet(PDF) 3 Page - Intersil Corporation

Part No. ISL65426
Description  6A Dual Synchronous Buck Regulator with Integrated MOSFETs
Download  22 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL65426 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL65426_07 Datasheet HTML 1Page - Intersil Corporation ISL65426_07 Datasheet HTML 2Page - Intersil Corporation ISL65426_07 Datasheet HTML 3Page - Intersil Corporation ISL65426_07 Datasheet HTML 4Page - Intersil Corporation ISL65426_07 Datasheet HTML 5Page - Intersil Corporation ISL65426_07 Datasheet HTML 6Page - Intersil Corporation ISL65426_07 Datasheet HTML 7Page - Intersil Corporation ISL65426_07 Datasheet HTML 8Page - Intersil Corporation ISL65426_07 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
3
FN6340.2
February 21, 2007
Typical Application Schematics
FIGURE 1. TYPICAL APPLICATION FOR 3A:3A CONFIGURATION
SINGLE INPUT SUPPLY
FB2
200
μF
C3
L2
1
μH
2.5V
0.1
μF
C5
3.3V
22
μF
C4
3.3V
VCC
LX6
PVIN6
PVIN5
LX5
FB1
200
μF
C2
L1
1
μH
1.2V
3.3V
22
μF
C1
LX1
PVIN1
PVIN2
LX2
3.3V
ISL65426
3A
3A
PVIN3
PVIN4
LX3
LX4
3.3V
PGND
3.3V
GND
ISL65426


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn