Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL28288FUZ-T7 Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL28288FUZ-T7
Description  Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL28288FUZ-T7 Datasheet(HTML) 2 Page - Intersil Corporation

  ISL28288FUZ-T7 Datasheet HTML 1Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL28288FUZ-T7 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
FN6339.0
September 20, 2006
Operating Junction
Absolute Maximum Ratings (TA = +25°C)
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/
µs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD tolerance, Human Body Model . . . . . . . . . . . . . . . . . . . . . . 3kV
ESD tolerance, Machine Model . . . . . . . . . . . . . . . . . . . . . . . . .300V
Output Short-Circuit Duration . . . . . . . . . . . . . . . . . . . . . . .Indefinite
Ambient Operating Temperature Range . . . . . . . . . -40°C to +125°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V- = 0V, VCM = 2.5V, VO = 1.4V, TA = +25°C unless otherwise specified.
Boldface limits apply over the operating temperature range, -40°C to +125°C, temperature data
guaranteed by characterization
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
VOS
Input Offset Voltage
-1.5
-2
±
0.05
1.5
2
mV
Long Term Input Offset Voltage Stability
1.2
µV/Mo
Input Offset Drift vs Temperature
2.2
µV/°C
IOS
Input Offset Current
-600
±
530
600
pA
IB
Input Bias Current
-40°C to +85°C
-30
-80
±
10
30
80
pA
eN
Input Noise Voltage Peak-to-Peak
f = 0.1Hz to 10Hz
5.4
µVPP
Input Noise Voltage Density
fO = 1kHz
48
nV/
√Hz
iN
Input Noise Current Density
fO = 1kHz
0.1
pA/
√Hz
CMIR
Input Voltage Range
Guaranteed by CMRR test
05
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 5V
80
75
100
dB
PSRR
Power Supply Rejection Ratio
V+ = 2.4V to 5V
85
80
105
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4.5V, RL = 100kΩ
200
190
300
V/mV
VO = 0.5V to 4.5V, RL = 1kΩ
25
V/mV
VOUT
Maximum Output Voltage Swing
Output low, RL = 100kΩ
36
30
mV
Output low, RL = 1kΩ
130
175
225
mV
Output high, RL = 100kΩ
4.990
4.97
4.996
V
Output high, RL = 1kΩ
4.800
4.750
4.880
V
SR
Slew Rate
0.12
0.09
±
0.14
0.16
0.21
V/µs
GBW
Gain Bandwidth Product
300
kHz
∆V
OS
∆Time
------------------
∆V
OS
∆T
----------------
ISL28288


Similar Part No. - ISL28288FUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28288FUZ-T7 INTERSIL-ISL28288FUZ-T7 Datasheet
473Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results

Similar Description - ISL28288FUZ-T7

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL28286 INTERSIL-ISL28286 Datasheet
516Kb / 15P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
ISL28278 INTERSIL-ISL28278 Datasheet
509Kb / 13P
   Dual Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op-Amp
EL8178 INTERSIL-EL8178_07 Datasheet
773Kb / 12P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
EL8178 RENESAS-EL8178 Datasheet
1Mb / 13P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Intersil Corporation
EL8178 INTERSIL-EL8178_08 Datasheet
804Kb / 15P
   Micropower Single Supply Rail-to-Rail Input-Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28286 RENESAS-ISL28286 Datasheet
893Kb / 14P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 28, 2007
logo
Intersil Corporation
ISL28176 INTERSIL-ISL28176 Datasheet
972Kb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
logo
Renesas Technology Corp
ISL28176 RENESAS-ISL28176 Datasheet
1Mb / 19P
   Single, Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Precision Op Amp
June 23, 2009
ISL28288 RENESAS-ISL28288 Datasheet
1Mb / 20P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op Amp
logo
Intersil Corporation
ISL28278 INTERSIL-ISL28278_07 Datasheet
496Kb / 13P
   Dual and Quad Micropower Single Supply Rail-to-Rail Input and Output (RRIO) Op-Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com