Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE587 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # NE587
Description  LED decoder/driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE587 Datasheet(HTML) 7 Page - NXP Semiconductors

  NE587 Datasheet HTML 1Page - NXP Semiconductors NE587 Datasheet HTML 2Page - NXP Semiconductors NE587 Datasheet HTML 3Page - NXP Semiconductors NE587 Datasheet HTML 4Page - NXP Semiconductors NE587 Datasheet HTML 5Page - NXP Semiconductors NE587 Datasheet HTML 6Page - NXP Semiconductors NE587 Datasheet HTML 7Page - NXP Semiconductors NE587 Datasheet HTML 8Page - NXP Semiconductors NE587 Datasheet HTML 9Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Philips Semiconductors Linear Products
Product specification
NE587
LED decoder/driver
August 31, 1994
536
However, a major portion of this power dissipation (PD MAX) is
because the current source output is operating with 3.25V across it.
In practice, the outputs operate satisfactorily down to 0.5V, and so
the extra voltage may be dropped external to the integrated circuit.
Suppose the worst-case VCC/VS supply is 4.75 to 5.25V, and that
the maximum VE for the LED display is 2.25V. Only 2.75V is
required to keep the display active, and hence 2.0V may be dropped
externally with a resistor from VCC to VS. The value of this resistor is
calculated by:
R
S +
2.0
7 x I
SEG
[
10
W (
1
2
W rating)
assuming worst case ISEG of 30mA.
Hence now
PD MAX = VCC × ICC +
(VS - VV - RX × 7 × ISEG) × 7 × ISEG × KDC
= 5.25
× 50 + 1.25 × 7 × 30mW
= 525mW
and
PD av = 5.0 × 30 + 1.25 × 5 × 25 = 306 mW.
If a diode (or 2) is used to reduce voltage to the display, then the
voltage appearing across the display driver will be independent of
the number of “ON” segments and will be equal to
VS - VF - nVd, VD ≈ 0.8V
Where n is the number of diodes used, power dissipation can be
calculated in a similar manner.
In a multiplexed display system, the voltage drop across the digit
driver must also be considered in computing device power
dissipation. It may even be an advantage to use a digit driver which
drops an appreciable voltage, rather than the saturating PNP
transistors shown in Figure 9. For example a Darlington PNP or
NPN emitter-follower may be preferable. Figure 8 shows the NE591
as the digit driver in a multiplexed display system. The NE591 output
drops about 1.8V which means that the power dissipation is evenly
distributed between the two integrated circuits.
Where VS and VCC are two different supplies, the VS supply may be
optimized for minimum system power dissipation and/or cost.
Clearly, good regulation in the VS supply is totally unnecessary, and
so this supply can be made much cheaper than the regulated 5V
supply used in the rest of the system. In fact, a simple unsmoothed
full-wave rectified sine wave works extremely well if a slight loss in
brightness can be tolerated. A transformer voltage of about
3-4.5VRMS works well in most LED display systems. Waveforms are
shown below:
VS
ISEG
The duty cycle for this system depends upon VS, VF and the output
characteristics of the display driver.
With
VS = 4.9V peak
VF = 2.0V
The duty cycle is approximately 60%.


Similar Part No. - NE587

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
NE5814M14 RENESAS-NE5814M14 Datasheet
291Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
NE5814M14-A RENESAS-NE5814M14-A Datasheet
291Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
NE5814M14-T3 RENESAS-NE5814M14-T3 Datasheet
291Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
NE5814M14-T3-A RENESAS-NE5814M14-T3-A Datasheet
291Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
2006
NE5820M53 RENESAS-NE5820M53 Datasheet
182Kb / 8P
   P-channel MOS Field Effect Transistor for Impedance Converter of Microphone
More results

Similar Description - NE587

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
TSC383 MICROSEMI-TSC383 Datasheet
725Kb / 4P
   Decoder/Driver
logo
Renesas Technology Corp
ICM7243 RENESAS-ICM7243 Datasheet
781Kb / 17P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7244 RENESAS-ICM7244 Datasheet
657Kb / 14P
   8-Character, Microprocessor Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7243BIPLZ INTERSIL-ICM7243BIPLZ Datasheet
604Kb / 16P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243_05 Datasheet
540Kb / 14P
   8-Character, Microprocessor-Compatible, LED Display Decoder Driver
ICM7243 INTERSIL-ICM7243 Datasheet
109Kb / 12P
   8-Character, Microprocessor- Compatible, LED Display Decoder Driver
ICM7228 INTERSIL-ICM7228_05 Datasheet
302Kb / 18P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
ICM7228 INTERSIL-ICM7228 Datasheet
99Kb / 17P
   8-Digit, Microprocessor- Compatible, LED Display Decoder Driver
logo
Renesas Technology Corp
ICM7228 RENESAS-ICM7228 Datasheet
809Kb / 19P
   8-Digit, Microprocessor-Compatible, LED Display Decoder Driver
logo
Intersil Corporation
ICM7244AIM44Z INTERSIL-ICM7244AIM44Z Datasheet
425Kb / 13P
   8-Character, Microprocessor Compatible,LED Display Decoder Driver
January 22, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com