Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59837IAZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ISL59837IAZ
Description  200MHz Single Supply Video Driver With Charge Pump and Power Down
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59837IAZ Datasheet(HTML) 2 Page - Intersil Corporation

  ISL59837IAZ Datasheet HTML 1Page - Intersil Corporation ISL59837IAZ Datasheet HTML 2Page - Intersil Corporation ISL59837IAZ Datasheet HTML 3Page - Intersil Corporation ISL59837IAZ Datasheet HTML 4Page - Intersil Corporation ISL59837IAZ Datasheet HTML 5Page - Intersil Corporation ISL59837IAZ Datasheet HTML 6Page - Intersil Corporation ISL59837IAZ Datasheet HTML 7Page - Intersil Corporation ISL59837IAZ Datasheet HTML 8Page - Intersil Corporation ISL59837IAZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 14 page
background image
2
FN6335.1
March 5, 2007
Absolute Maximum Ratings
Thermal Information
VCC, Supply Voltage between VS and GND . . . . . . . . . . . . . . . . .5V
VIN, VREF . . . . . . . . . . . . . . . . . . . . . . . . . .VCC + 0.3V, VEE - 0.3V
Voltage between VIN and VREF. . . . . . . . . . . . . . . . . . . . . . . . . .±2V
Maximum Continuous Output Current . . . . . . . . . . . . . . . . . . . 30mA
ESD Classification
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 2000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 200V
Operating Temperature . . . . . . . . . . . . . . . . . . . . . . .-40°C to +85°C
Maximum Die Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . +150°C
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +150°C
Lead Temperature . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +260°C
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
AC Electrical Specifications
VCC = DVCC = +3.3V, REF = GND, TA = +25°C, RL = 150Ω, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
BW - 3dB
3dB Bandwidth
VOUT = 200mVPP
200
MHz
VOUT = 2VPP
100
MHz
BW 0.1dB
0.1dB Bandwidth
VOUT = 2VPP
50
MHz
SR
Slew Rate
VIN = 2VPP
500
V/µs
dG
Differential Gain
0.07
%
dP
Differential Phase
0.06
°
XT
Hostile Crosstalk
6MHz
-90
dB
I
Input to Output Isolation
6MHz
-70
dB
VN
Input Noise Voltage
20
nV/
√Hz
fCP
Charge Pump Switching Frequency
168
MHz
Load Reg
VEE Load Regulation
IEE = 0mA to 10mA
9
30
mV
VRIPPLE
Output Amp Ripple Voltage
30
mV
With Bead Core to DVCC
10
mV
DC Electrical Specifications
VCC = DVCC = +3.3V, REF = GND, TA = +25°C, RL = 150Ω, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
V+
Supply Range
3.0
3.6
V
VG%
Gain Error
RL = 150Ω, VOUT = -1V to +2.5V
1.5
%
ΔG
Gain Matching
RL = 150Ω
0.5
%
IIN
Analog Input Leakage Current
VIN = 0V to 1.5V
±0.1
±1
µA
VOS
Output Offset Voltage
VREF = 0
-25
7
+25
mV
VOUT+
Maximum Output Voltage
RL = 75Ω
2.4
2.5
V
RL = 150Ω
2.7
2.9
V
VOUT-
Minimum Output Voltage
RL = 75Ω
-1
V
RL = 150Ω
-1.2
V
IOUT +
Output Current
RL = 10Ω, VIN = 1.2V
50
80
mA
IOUT -
Output Current
RL = 10Ω, VIN = -0.3V
-40
-18
mA
ZOUT
Disabled Output Impedance
EN = 3.3V and/or PD = 3.3V
(Amp Disabled)
500
k
Ω
IREF
Reference Input Leakage Current
1
2.3
3.5
µA
PSRR
Power Supply Rejection Ratio
50
62
dB
ISL59837


Similar Part No. - ISL59837IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59837IAZ INTERSIL-ISL59837IAZ Datasheet
341Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
March 5, 2007
logo
Renesas Technology Corp
ISL59837IAZ RENESAS-ISL59837IAZ Datasheet
696Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
logo
Intersil Corporation
ISL59837IAZ-T7 INTERSIL-ISL59837IAZ-T7 Datasheet
341Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
March 5, 2007
logo
Renesas Technology Corp
ISL59837IAZ-T7 RENESAS-ISL59837IAZ-T7 Datasheet
696Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
More results

Similar Description - ISL59837IAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL59837IAZ INTERSIL-ISL59837IAZ Datasheet
341Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
March 5, 2007
logo
Renesas Technology Corp
ISL59837 RENESAS-ISL59837 Datasheet
696Kb / 14P
   200MHz Single Supply Video Driver With Charge Pump and Power Down
ISL59833 RENESAS-ISL59833 Datasheet
719Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
logo
Intersil Corporation
ISL59833 INTERSIL-ISL59833 Datasheet
339Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
ISL59833IAZ INTERSIL-ISL59833IAZ Datasheet
342Kb / 15P
   200MHz Single Supply Video Driver With Charge Pump
March 5, 2007
ISL59831 INTERSIL-ISL59831 Datasheet
613Kb / 11P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
logo
Renesas Technology Corp
ISL59831 RENESAS-ISL59831 Datasheet
979Kb / 12P
   Single Supply Video Driver with Reconstruction Filter and Charge Pump
Mar 29, 2007
logo
Intersil Corporation
ISL59830AIAZ INTERSIL-ISL59830AIAZ Datasheet
336Kb / 15P
   True Single Supply Video Driver With Power Down
September 26, 2006
ISL59830A INTERSIL-ISL59830A Datasheet
390Kb / 15P
   True Single Supply Video Driver With Power Down
logo
Renesas Technology Corp
ISL59830A RENESAS-ISL59830A Datasheet
736Kb / 15P
   True Single Supply Video Driver With Power Down
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com