Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL21009DFB825Z-TK Datasheet(PDF) 1 Page - Intersil Corporation

Part # ISL21009DFB825Z-TK
Description  Precision, Low Noise FGA??Voltage References
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL21009DFB825Z-TK Datasheet(HTML) 1 Page - Intersil Corporation

  ISL21009DFB825Z-TK Datasheet HTML 1Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 2Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 3Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 4Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 5Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 6Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 7Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 8Page - Intersil Corporation ISL21009DFB825Z-TK Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
®
FN6327.1
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
PRELIMINARY
ISL21009
Precision, Low Noise FGA™ Voltage
References
The ISL21009 FGA™ voltage references are extremely low
power, high precision, and low noise voltage references
fabricated on Intersil’s proprietary Floating Gate Analog
technology. The ISL21009 features very low noise (4µVP-P
for 0.1Hz to 10Hz), low operating current (180µA, Max), and
3ppm/°C of temperature drift. In addition, the ISL21009
family features guaranteed initial accuracy as low as ±0.5mV
This combination of high initial accuracy, low drift, and low
output noise performance of the ISL21009 enables versatile
high performance control and data acquisition applications
with low power consumption.
Available Options
Features
• Output Voltages . . . . . . . . . . . . . . . 1.25V, 2.500V, 5.000V
• Initial Accuracy . . . . . . . . . . . . . .±0.5mV, ±1.0mV, ±2.0mV
• Input Voltage Range. . . . . . . . . . . . . . . . . . . . Up to 16.5V
• Output Voltage Noise . . . . . . . . . . 4uVP-P (0.1Hz to 10Hz)
• Supply Current . . . . . . . . . . . . . . . . . . . . . . . .180µA (Max)
• Temperature Coefficient . . . 3ppm/°C, 5ppm/°C, 10ppm/°C
• Output Current Capability. . . . . . . . . . . . . . . . . . . . ±7.0mA
• Operating Temperature Range. . . . . . . . . -40°C to +125°C
• Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 8 Ld SOIC
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• High Resolution A/Ds and D/As
• Digital Meters
• Bar Code Scanners
• Basestations
• Battery Management/Monitoring
• Industrial/Instrumentation Equipment
Pinout
ISL21009
(8 LD SOIC)
TOP VIEW
PART NUMBER
VOUT
OPTION
(V)
INITIAL
ACCURACY
(mV)
TEMPCO.
(ppm/°C)
ISL21009BFB812Z
Coming Soon
1.250
±0.5
3
ISL21009CFB812Z
Coming Soon
1.250
±1.0
5
ISL21009DFB812Z
Coming Soon
1.250
±2.0
10
ISL21009BFB825Z
2.500
±0.5
3
ISL21009CFB825Z
2.500
±1.0
5
ISL21009DFB825Z
2.500
±2.0
10
ISL21009BFB850Z
5.000
±0.5
3
ISL21009CFB850Z
5.000
±1.0
5
ISL21009DFB850Z
5.000
±2.0
10
GND or NC
VIN
DNC
GND
1
2
3
4
8
7
6
5
DNC
DNC
VOUT
TRIM or NC
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
1
GND or NC
Can be either Ground or No Connect
4
GND
Ground Connection
2
VIN
Power Supply Input Connection
6
VOUT
Voltage Reference Output Connection
5
TRIM
Allows user trim typically ±2.5%. Leave Unconnected when unused.
3,7,8
DNC
Do Not Connect; Internal Connection – Must Be Left Floating
Data Sheet
February 14, 2007


Similar Part No. - ISL21009DFB825Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21009DFB825Z INTERSIL-ISL21009DFB825Z Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009DFB825Z INTERSIL-ISL21009DFB825Z Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21009DFB825Z RENESAS-ISL21009DFB825Z Datasheet
1Mb / 19P
   High Voltage Input Precision, Low Noise FGA™ Voltage References
September 16, 2009
More results

Similar Description - ISL21009DFB825Z-TK

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL21060 INTERSIL-ISL21060 Datasheet
2Mb / 20P
   Precision, Low Noise FGA Voltage References
ISL21007 INTERSIL-ISL21007 Datasheet
352Kb / 14P
   Precision, Low Noise FGA??Voltage References
ISL60002 INTERSIL-ISL60002 Datasheet
2Mb / 37P
   Precision, Low Noise FGA Voltage References
logo
Renesas Technology Corp
ISL21007 RENESAS-ISL21007 Datasheet
1Mb / 20P
   Precision, Low Noise FGA Voltage References
logo
Intersil Corporation
ISL21007 INTERSIL-ISL21007_11 Datasheet
1Mb / 20P
   Precision, Low Noise FGA??Voltage References
ISL21007_0712 INTERSIL-ISL21007_0712 Datasheet
879Kb / 18P
   Precision, Low Noise FGA?줧oltage References
ISL21009_0709 INTERSIL-ISL21009_0709 Datasheet
640Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009MEP INTERSIL-ISL21009MEP Datasheet
557Kb / 14P
   High Voltage Input Precision, Low Noise FGA??Voltage References
ISL21009 INTERSIL-ISL21009_09 Datasheet
721Kb / 19P
   High Voltage Input Precision, Low Noise FGA??Voltage References
logo
Renesas Technology Corp
ISL21032 RENESAS-ISL21032 Datasheet
446Kb / 7P
   Precision 0.600V Low Voltage FGA??References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com