Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL59118IRUZ-T7 Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL59118IRUZ-T7
Description  Dual Video Driver with Low Pass Filter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59118IRUZ-T7 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL59118IRUZ-T7 Datasheet HTML 2Page - Intersil Corporation ISL59118IRUZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL59118IRUZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL59118IRUZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL59118IRUZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL59118IRUZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL59118IRUZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL59118IRUZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL59118IRUZ-T7 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FN6317.2
September 22, 2006
FIGURE 11. LARGE SIGNAL STEP RESPONSE
FIGURE 12. SMALL SIGNAL STEP RESPONSE
FIGURE 13. ENABLE TIME
FIGURE 14. DISABLE TIME
FIGURE 15. HARMONIC DISTORTION vs FREQUENCY
FIGURE 16. HARMONIC DISTORTION vs OUTPUT VOLTAGE
Typical Performance Curves (Continued)
-120 -60
0
60 120 180 240 300 360 420 480 540
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
TIME (ns)
VDD = +3.3V
RL = 150Ω
VOUT = 2.5VP-P
TFALL = 26.9ns
TRISE = 26.4ns
-60
0
60
120
180
240
300
360
420
480
1.8
1.5
1.2
0.9
0.6
0.3
0.0
TIME (ns)
POSITIVE SLEW
RATE = 41.1V/µs
NEGATIVE SLEW
RATE = -40.8V/µs
VDD = +3.3V
RL = 150Ω
VIN = 1VP-P
-60
-30
0
30
60
90
120
150
180
210
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
TIME (ns)
VDD = +3.3V
RL = 150W
ENABLE SIGNAL
OUTPUT SIGNAL
-20
-10
0
10
20
30
40
3.0
2.5
2.0
1.5
1.0
0.5
0.0
-0.5
TIME (ns)
VDD = +3.3V
RL = 150W
OUTPUT SIGNAL
DISABLE SIGNAL
1M
10M
-20
-30
-40
-50
-60
-70
-80
FREQUENCY (Hz)
VDD = +3.3V
RL = 150W
VOUT = 2VP-P
2nd HD
THD
3rd HD
0.5
1.0
1.5
2.0
2.5
3.0
-30
-40
-50
-60
-70
-80
OUTPUT VOLTAGE (VP-P)
2nd HD
THD
3rd HD
ISL59118


Similar Part No. - ISL59118IRUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59118IRUZ-T7 RENESAS-ISL59118IRUZ-T7 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
More results

Similar Description - ISL59118IRUZ-T7

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL59118 RENESAS-ISL59118 Datasheet
592Kb / 10P
   Dual Video Driver with Low Pass Filter
logo
Faraday Technology
FF0200L FARADAY-FF0200L Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
FF0300P FARADAY-FF0300P Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
FF0200M FARADAY-FF0200M Datasheet
127Kb / 2P
   LOW PASS VIDEO FILTER
logo
Asahi Kasei Microsystem...
AKD4250-A AKM-AKD4250-A Datasheet
431Kb / 11P
   1ch video amplifier with low pass filter
AKD4252-A AKM-AKD4252-A Datasheet
341Kb / 11P
   1ch video amplifier with low pass filter
logo
Micro Linear Corporatio...
ML6420 MICRO-LINEAR-ML6420 Datasheet
271Kb / 20P
   Triple/Dual Phase-Equalized, Low-Pass Video Filter
logo
Analog Devices
HMC1023LP5E AD-HMC1023LP5E Datasheet
1Mb / 34P
   72 MHz DUAL PROGRAMMABLE LOW PASS FILTER WITH DRIVER
logo
Hittite Microwave Corpo...
HMC900LP5E HITTITE-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
logo
Analog Devices
HMC900LP5E AD-HMC900LP5E Datasheet
1Mb / 26P
   50 MHz DUAL PROGRAMMABLE LOW PASS FILTER with DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com