Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7529 Datasheet(PDF) 14 Page - Fairchild Semiconductor

Part # FAN7529
Description  Critical Conduction Mode PFC Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7529 Datasheet(HTML) 14 Page - Fairchild Semiconductor

Back Button FAN7529_07 Datasheet HTML 10Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 11Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 12Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 13Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 14Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 15Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 16Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 17Page - Fairchild Semiconductor FAN7529_07 Datasheet HTML 18Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 20 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7529 Rev. 1.0.2
14
Typical Application Circuit
Features
High efficiency (>90% at 85VAC input)
Low Total Harmonic Distortion (THD) (<10% at 265VAC input, 25W load)
Key Design Notes
R1, R2, R5, C11 should be optimized for best THD characteristic.
1. Schematic
Figure 37. Schematic
Application
Output Power
Input Voltage
Output Voltage
Ballast
100W
Universal input
(85~265VAC)
400V
F1
AC INPUT
5
6
7
8
OUT
V
CC
GND
ZCD
INV COMP MOT
CS
FAN7529
12
3
4
V1
C1
C3
C4
LF1
C2
NTC
BD
C5
R1
C6
R3
R4
R5
T1
D1
C7
R7
R10
R6
R8
D2
R9
C8
Q1
V
AUX
R2
R11
C9
ZD1
C10
PFC OUTPUT
C11
D3
FAN7529 Rev. 00


Similar Part No. - FAN7529_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7529M FAIRCHILD-FAN7529M Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529MX FAIRCHILD-FAN7529MX Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
FAN7529N FAIRCHILD-FAN7529N Datasheet
1Mb / 20P
   Critical Conduction Mode PFC Controller
More results

java.net.ConnectException: Connection refused (Connection refused)java.lang.NullPointerException

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com