Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7527BM Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part # FAN7527BM
Description  Power Factor Correction Controller
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7527BM Datasheet(HTML) 5 Page - Fairchild Semiconductor

  FAN7527BM Datasheet HTML 1Page - Fairchild Semiconductor FAN7527BM Datasheet HTML 2Page - Fairchild Semiconductor FAN7527BM Datasheet HTML 3Page - Fairchild Semiconductor FAN7527BM Datasheet HTML 4Page - Fairchild Semiconductor FAN7527BM Datasheet HTML 5Page - Fairchild Semiconductor FAN7527BM Datasheet HTML 6Page - Fairchild Semiconductor FAN7527BM Datasheet HTML 7Page - Fairchild Semiconductor FAN7527BM Datasheet HTML 8Page - Fairchild Semiconductor FAN7527BM Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
FAN7527B
5
Electrical Characteristics
VCC= 14V, -25
°C ≤ Ta ≤ 125°C, unless otherwise stated.
Characteristics
Symbol
Test Condition
Min.
Typ.
Max.
Unit
< UNDER VOLTAGE LOCKOUT SECTION>
Start threshold voltage
Vth(st)
Vcc Increasing
10.5
11.5
12.5
V
UVLO hysteresis
HY(st)
-2
3
4
V
< SUPPLY CURRENT SECTION >
Start-up supply current
Ist
Vcc = Vth(st) -0.2V
10
60
100
uA
Operating supply current
Icc
Output not switching
-
3
6
mA
Operating current at OVP
Icc(ovp)
Vinv = 3V
-
1.7
4
mA
Dynamic operating supply current
Idcc
50kHz, CI = 1nF
-
4
8
mA
< ERROR AMPLIFIER SECTION >
Voltage feedback input threshold
Vref
Iref = 0mA, Ta = 25
°C
2.465
2.5
2.535
V
-25
≤ Ta ≤ 125°C
2.44
2.5
2.56
V
Line regulation
∆Vref1
14V
≤ Vcc ≤ 25V
-
0.1
10
mV
Temperature stability of Vref (Note1)
∆Vref3
-25
≤ Ta ≤ 125°C-
20
-
mV
Input bias current
Ib(ea)
-
-0.5
-
0.5
uA
Output source current
Isource
Vm2 = 4V
-2
-4
-
mA
Output sink current
Isink
Vm2 = 4V
2
4
-
mA
Output upper clamp voltage (Note2)
Veao(H)
Isource = 0.1mA
-
6
-
V
Output lower clamp voltage (Note3)
Veao(L)
Isink = 0.1mA
-
2.25
-
V
Large signal open loop gain (Note4)
Gv
-60
80
-
dB
Power supply rejection ratio (Note5)
PSRR
14V
≤ Vcc ≤ 25V
60
80
-
dB
Unity gain bandwidth (Note6)
GBW
-
-
1
-
MHz
Slew rate (Note7)
SR
-
-
0.6
-
V/us
< MULTIPLIER SECTION>
Input bias current (pin3)
Ib(m)
-
-0.5
-
0.5
uA
M1 input voltage range (pin3)
∆Vm1-
0
-
3.8
V
M2 input voltage range (pin2)
∆Vm2
-
Vref
-
Vref+2.5
V
Multiplier gain (Note8)
K
Vm1 = 1V, Vm2 = 3.5V
0.36
0.44
0.52
1/V
Maximum multiplier output voltage
Vomax(m)
Vinv =0V, Vm1 = 4V
1.65
1.8
1.95
V
Temperature stability of K (Note9)
∆K/∆T
-25
≤ Ta ≤ 125°C-
-0.2
-
%/
°C


Similar Part No. - FAN7527BM

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7527BM FAIRCHILD-FAN7527BM Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN7527BM FAIRCHILD-FAN7527BM Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
More results

Similar Description - FAN7527BM

ManufacturerPart #DatasheetDescription
logo
BCD Semiconductor Manuf...
AP1661 BCDSEMI-AP1661 Datasheet
295Kb / 13P
   POWER FACTOR CORRECTION CONTROLLER
logo
Fairchild Semiconductor
KA7524B FAIRCHILD-KA7524B Datasheet
60Kb / 10P
   Power Factor Correction Controller
KA7525B FAIRCHILD-KA7525B Datasheet
480Kb / 18P
   Power Factor Correction Controller
KA7526 FAIRCHILD-KA7526 Datasheet
250Kb / 22P
   Power Factor Correction Controller
FAN7527B FAIRCHILD-FAN7527B Datasheet
395Kb / 12P
   Power Factor Correction Controller
FAN4810 FAIRCHILD-FAN4810 Datasheet
160Kb / 14P
   Power Factor Correction Controller
logo
Renesas Technology Corp
HA16178P RENESAS-HA16178P Datasheet
282Kb / 25P
   Power Factor Correction Controller IC
logo
Rohm
BD7695FJ ROHM-BD7695FJ Datasheet
1Mb / 27P
   Power Factor Correction Controller IC
15.Jul.2022 Rev.001
logo
Fairchild Semiconductor
FAN7527BMX FAIRCHILD-FAN7527BMX Datasheet
407Kb / 12P
   FAN7527B Power Factor Correction Controller
FAN6982 FAIRCHILD-FAN6982 Datasheet
566Kb / 16P
   CCM Power Factor Correction Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com