Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XX1004-BD Datasheet(PDF) 1 Page - Mimix Broadband

Part # XX1004-BD
Description  10.0-13.0/20.0-26.0 GHz GaAs MMIC Active Doubler
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1004-BD Datasheet(HTML) 1 Page - Mimix Broadband

  XX1004-BD Datasheet HTML 1Page - Mimix Broadband XX1004-BD Datasheet HTML 2Page - Mimix Broadband XX1004-BD Datasheet HTML 3Page - Mimix Broadband XX1004-BD Datasheet HTML 4Page - Mimix Broadband XX1004-BD Datasheet HTML 5Page - Mimix Broadband XX1004-BD Datasheet HTML 6Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Mimix Broadband’s two stage 10.0-13.0/20.0-26.0 GHz
GaAs MMIC doubler has a +15.0 dBm output drive
and is an excellent LO doubler that can be used to
drive fundamental mixer devices. It is also well suited
to drive Mimix's XR1002 receiver device. This MMIC
uses Mimix Broadband’s 0.15 µm GaAs PHEMT device
model technology, and is based upon electron beam
lithography to ensure high repeatability and
uniformity. The chip has surface passivation to protect
and provide a rugged part with backside via holes
and gold metallization to allow either a conductive
epoxy or eutectic solder die attach process. This
device is well suited for Millimeter-wave
Point-to-Point Radio, LMDS, SATCOM and VSAT
applications.
10.0-13.0/20.0-26.0 GHz GaAs MMIC
Active Doubler
Excellent Mixer Driver
2-Stage Active Design
Can be Used to Drive XR1002 Receiver
+15 dBm Output Drive
100% On-Wafer RF, DC and Output Power Testing
100% Visual Inspection to MIL-STD-883
Method 2010
Features
General Description
Electrical Characteristics (AmbientTemperatureT = 25 oC)
Parameter
Input Frequency Range (fin)
Output Frequency Range (fout)
Input Return Loss (S11)
Output Return Loss (S22)
Fundamental Level at the Output
RF Input Power (RF Pin)
Output Power at +9.0 dBm Pin (Pout)
Drain Bias Voltage (Vd1,2)
Gate Bias Voltage (Vg1)
Gate Bias Voltage (Vg2)
Supply Current (Id1,2) (Vd=3.5V, Vg1=-0.7V, Vg2=-0.2 Typical)
Units
GHz
GHz
dB
dB
dBc
dBm
dBm
VDC
VDC
VDC
mA
Min.
10.0
20.0
-
-
-
-
-
-
-1.2
-1.2
-
Typ.
-
-
TBD
TBD
-30.0
+9.0
+15.0
+3.5
-0.7
-0.2
70
Max.
13.0
26.0
-
-
-
-
-
+5.5
+0.1
+0.1
100
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
110 mA
+0.3 VDC
+15.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Chip Device Layout
Page 1 of 6
1
(1) Channel temperature affects a device's MTBF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2007 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
February 2007 - Rev 16-Feb-07
X1004-BD
XX1004-BD


Similar Part No. - XX1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1000 MIMIX-XX1000 Datasheet
497Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1000-BD MIMIX-XX1000-BD Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
logo
M/A-COM Technology Solu...
XX1000-BD MA-COM-XX1000-BD Datasheet
798Kb / 8P
   Active Doubler
logo
Mimix Broadband
XX1000-BD-000V MIMIX-XX1000-BD-000V Datasheet
301Kb / 6P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
More results

Similar Description - XX1004-BD

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
12DBL0409 MIMIX-12DBL0409 Datasheet
311Kb / 6P
   10.0-13.0/20.0-26.0 GHz GaAs MMIC Active Doubler
logo
M/A-COM Technology Solu...
XP1013-BD MA-COM-XP1013-BD Datasheet
461Kb / 7P
   17.0-26.0 GHz GaAs MMIC
logo
Mimix Broadband
XU1003-BD MIMIX-XU1003-BD Datasheet
220Kb / 7P
   19.0-26.0 GHz GaAs MMIC Transmitter
logo
Hittite Microwave Corpo...
HMC592 HITTITE-HMC592 Datasheet
379Kb / 8P
   GaAs PHEMT MMIC 1 WATT POWER AMPLIFIER, 10.0 - 13.0 GHz
logo
Mimix Broadband
XR1005 MIMIX-XR1005 Datasheet
346Kb / 9P
   19.0-26.0 GHz GaAs MMIC Receiver
XU1003 MIMIX-XU1003 Datasheet
374Kb / 7P
   19.0-26.0 GHz GaAs MMIC Transmitter
30DBL0537 MIMIX-30DBL0537 Datasheet
181Kb / 5P
   14.5-17.0/29.0-34.0 GHz GaAs MMIC Active Doubler
XX1000-BD_0708 MIMIX-XX1000-BD_0708 Datasheet
305Kb / 7P
   7.5-25.0/15.0-50.0 GHz GaAs MMIC Active Doubler
XX1007-BD MIMIX-XX1007-BD Datasheet
377Kb / 6P
   13.5-17.0/27.0-34.0 GHz GaAs MMIC Active Doubler
20DBL0451 MIMIX-20DBL0451 Datasheet
311Kb / 6P
   8.0-12.0/16.0-24.0 GHz GaAs MMIC Active Doubler
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com