Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL3178E Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL3178E
Description  짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL3178E Datasheet(HTML) 3 Page - Intersil Corporation

  ISL3178E Datasheet HTML 1Page - Intersil Corporation ISL3178E Datasheet HTML 2Page - Intersil Corporation ISL3178E Datasheet HTML 3Page - Intersil Corporation ISL3178E Datasheet HTML 4Page - Intersil Corporation ISL3178E Datasheet HTML 5Page - Intersil Corporation ISL3178E Datasheet HTML 6Page - Intersil Corporation ISL3178E Datasheet HTML 7Page - Intersil Corporation ISL3178E Datasheet HTML 8Page - Intersil Corporation ISL3178E Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
3
FN6307.2
August 28, 2006
Truth Tables
TRANSMITTING
INPUTS
OUTPUTS
RE
DE
DI
Z
Y
X
1101
X
1010
0
0
X
High-Z
High-Z
1
0
X
High-Z *
High-Z *
NOTE: *Shutdown Mode (See Note 9), except for ISL3171E,
ISL3174E, ISL3177E
RECEIVING
INPUTS
OUTPUT
RE
DE
Half Duplex
DE
Full Duplex
A-B
RO
00
X
≥ -0.05V
1
00
X
≤ -0.2V
0
0
0
X
Inputs
Open/Shorted
1
1
0
0
X
High-Z *
1
1
1
X
High-Z
NOTE: *Shutdown Mode (See Note 9), except for ISL3171E,
ISL3174E, ISL3177E
Pin Descriptions
PIN
FUNCTION
RO
Receiver output: If A-B
≥ -50mV, RO is high; If A-B ≤ -200mV, RO is low; RO = High if A and B are unconnected (floating) or shorted.
RE
Receiver output enable. RO is enabled when RE is low; RO is high impedance when RE is high. If the Rx enable function isn’t used,
connect RE directly to GND or through a 1k
Ω to 3kΩ resistor to GND.
DE
Driver output enable. The driver outputs, Y and Z, are enabled by bringing DE high, and are high impedance when DE is low. If the
Tx enable function isn’t used, connect DE to VCC through a 1kΩ to 3kΩ resistor.
DI
Driver input. A low on DI forces output Y low and output Z high. Similarly, a high on DI forces output Y high and output Z low.
GND
Ground connection.
A/Y
±15kV IEC61000 ESD Protected RS-485/422 level, noninverting receiver input and noninverting driver output. Pin is an input if
DE = 0; pin is an output if DE = 1.
B/Z
±15kV IEC61000 ESD Protected RS-485/422 level, Inverting receiver input and inverting driver output. Pin is an input if DE = 0;
pin is an output if DE = 1.
A
±15kV
IEC61000 ESD Protected RS-485/422 level, noninverting receiver input.
B
±15kV
IEC61000 ESD Protected RS-485/422 level, inverting receiver input.
Y
±15kV
IEC61000 ESD Protected RS-485/422 level, noninverting driver output.
Z
±15kV
IEC61000 ESD Protected RS-485/422 level, inverting driver output.
VCC
System power supply input (3.0V to 3.6V).
NC
No Connection.
ISL3170E, ISL3171E, ISL3172E, ISL3173E, ISL3174E, ISL3175E,ISL3176E, ISL3177E, ISL3178E


Similar Part No. - ISL3178E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL3178E INTERSIL-ISL3178E Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3178E INTERSIL-ISL3178E Datasheet
953Kb / 19P
   RS-485/RS-422 Transceivers
ISL3178E INTERSIL-ISL3178E Datasheet
210Kb / 4P
   World?셲 Most Power-Effi cient
ISL3178E INTERSIL-ISL3178E Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL3178E INTERSIL-ISL3178E Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
More results

Similar Description - ISL3178E

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL83070E INTERSIL-ISL83070E_06 Datasheet
802Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3170E INTERSIL-ISL3170E_07 Datasheet
795Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Renesas Technology Corp
ISL3170E RENESAS-ISL3170E Datasheet
1Mb / 21P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E RENESAS-ISL83070E Datasheet
1,022Kb / 18P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
logo
Intersil Corporation
ISL3172EIBZ-T INTERSIL-ISL3172EIBZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3178AE INTERSIL-ISL3178AE Datasheet
486Kb / 14P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL3175EIBZ-T INTERSIL-ISL3175EIBZ-T Datasheet
787Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83080EIUZ-T INTERSIL-ISL83080EIUZ-T Datasheet
770Kb / 19P
   짹15kV ESD Protected, 3.3V, Full Fail-Safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E_07 Datasheet
766Kb / 17P
   짹15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
ISL83070E INTERSIL-ISL83070E Datasheet
805Kb / 18P
   -15kV ESD Protected, 3.3V, Full Fail-safe, Low Power, High Speed or Slew Rate Limited, RS-485/RS-422 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com