Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XX1001-QK-0L0T Datasheet(PDF) 1 Page - Mimix Broadband

Part # XX1001-QK-0L0T
Description  18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XX1001-QK-0L0T Datasheet(HTML) 1 Page - Mimix Broadband

  XX1001-QK-0L0T Datasheet HTML 1Page - Mimix Broadband XX1001-QK-0L0T Datasheet HTML 2Page - Mimix Broadband XX1001-QK-0L0T Datasheet HTML 3Page - Mimix Broadband XX1001-QK-0L0T Datasheet HTML 4Page - Mimix Broadband XX1001-QK-0L0T Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
X1001-QK
18.0-21.0/36.0-42.0 GHz Doubler and
Power Amplifier, QFN, 7x7mm
Integrated Doubler and Power Amplifier
Excellent Saturated Output Stage
+25.0 dBm Output Power
50.0 dBc Fundamental Suppression
Features
Electrical Characteristics (Ambient Temperature T = 25
o
C)
Parameter
Input Frequency Range (fin)
Output Frequency Range (fout)
Input Return Loss (S11)
Output Return Loss (S22)
Fundamental Rejection
RF Input Power (RF Pin)
Output Power at 0.0 dBm Pin (Pout)
Drain Supply Voltage (Vd1) Doubler
Drain Supply Voltage (Vd2) Buffer Amp
Drain Supply Voltage (Vd3,4,5,6) PA
Gate Supply Voltage (Vg1) Doubler
Drain Supply Current (Id1) Doubler
Drain Supply Current (Id2) Buffer
Drain Supply Current (Id3,4,5,6) (Vg=-0.7V Typical) PA
Units
GHz
GHz
dB
dB
dBc
dBm
dBm
V
V
V
V
mA
mA
mA
Min.
18.0
36.0
-
-
-
-
-
-
-
-
-
-
-
-
Typ.
-
-
TBD
12.0
50.0
0.0
+26.0
2.5
3.0
4.5
-1.2
<1.0
20
530
Max.
21.0
42.0
-
-
-
-
-
3.0
4.0
5.5
-
-
25
600
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id)
Gate Bias Voltage (Vg)
Input Power (RF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
800 mA
+0.3 VDC
TBD
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Page 1 of 5
1
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
October 2006 - Rev 04-Oct-06
Mimix Broadband's 18.0-21.0/36.0-42.0 GHz GaAs
doubler integrates a doubler, a buffer amplifier and
4-stage power amplifier. The device provides
better than +25.0 dBm output power and has
excellent fundamental rejection. The device
comes in a 7x7mm QFN package that is RoHS
compliant. This device is well suited for
Millimeter-wave Point-to-Point Radio, LMDS,
SATCOM and VSAT applications.
General Description


Similar Part No. - XX1001-QK-0L0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1001-QK-0L0T MIMIX-XX1001-QK-0L0T Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
More results

Similar Description - XX1001-QK-0L0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XX1001-QK MIMIX-XX1001-QK_07 Datasheet
250Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler and Power Amplifier, QFN, 7x7mm
XX1001-QK MIMIX-XX1001-QK_09 Datasheet
220Kb / 5P
   18.0-21.0/36.0-42.0 GHz Doubler
XX1001-BD MIMIX-XX1001-BD Datasheet
220Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
20DBL0629 MIMIX-20DBL0629 Datasheet
209Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC Doubler and Power Amplifier
XX1001-BD MIMIX-XX1001-BD_08 Datasheet
275Kb / 6P
   18.0-21.0/36.0-42.0 GHz GaAs MMIC
XP1031-QK MIMIX-XP1031-QK Datasheet
315Kb / 6P
   37.0-42.0 GHz GaAs Power Amplifier QFN, 7x7mm
XU1005-QD MIMIX-XU1005-QD_07 Datasheet
422Kb / 6P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
XU1005-QD MIMIX-XU1005-QD Datasheet
438Kb / 5P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
38TX0768-QB MIMIX-38TX0768-QB Datasheet
293Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
XU1006-QB MIMIX-XU1006-QB Datasheet
299Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com