Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1006-QB-EV1 Datasheet(PDF) 6 Page - Mimix Broadband

Part # XU1006-QB-EV1
Description  36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1006-QB-EV1 Datasheet(HTML) 6 Page - Mimix Broadband

  XU1006-QB-EV1 Datasheet HTML 1Page - Mimix Broadband XU1006-QB-EV1 Datasheet HTML 2Page - Mimix Broadband XU1006-QB-EV1 Datasheet HTML 3Page - Mimix Broadband XU1006-QB-EV1 Datasheet HTML 4Page - Mimix Broadband XU1006-QB-EV1 Datasheet HTML 5Page - Mimix Broadband XU1006-QB-EV1 Datasheet HTML 6Page - Mimix Broadband XU1006-QB-EV1 Datasheet HTML 7Page - Mimix Broadband XU1006-QB-EV1 Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
36.0-42.0 GHz GaAsTransmitter
QFN, 7x7 mm
Page 6 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
MTTF
MTTF is calculated from accelerated life-time data of single devices and assumes an isothermal back-plate.
App Note [1] Biasing - App Note [1] Biasing - The device is operated by biasing VD=4.0V with ID=240mA. Additionally, a mixer and doubler
bias are also required with VG2=-0.5V. Adjusting Vg2 above or below this value can adversely affect conversion gain, image rejection and
intercept point performance. The VC bias pin controls an integrated attenuator where VC=-1.3 V provides the minimum attenuation and
VC = 0.0 V provides the maximum attenuation (approximately 25 dB).
It is recommended to use active biasing to keep the currents constant as the RF power and temperature vary; this gives the most
reproducible results. Depending on the supply voltage available and the power dissipation constraints, the bias circuit may be a single
transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the current. The gate of
the pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate voltage needed to do this is VG1= -0.4V.
Typically the gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the applied voltage to ensure
negative gate bias is available before applying the positive drain supply.
Typical Application
Mimix Broadband's 36.0-42.0 GHz XU1006-QB GaAs Transmitter can be used in saturated radio applications and linear modulation
schemes up to 128 QAM. The transmitter can be used in upper and lower sideband applications from 36.0-42.0 GHz.
Mixer
Mimix Broadband MMIC-based 35.0-45.0 GHz Transmitter Block Diagram
(Changing LO and IF frequencies as required allows design to operate as high as 42 GHz)
RF OUT
37.0-39.5 GHz
XU1006-QB
XP1005
Coupler
IF In
2 GHz
LO(+2.0dBm)
17.5-18.75 GHz (USB Operation)
19.5-20.75 GHz (LSB Operation)
Buffer
X2
X
XU1006-QB, MTTF (yrs) vs. Backplate Temperature (°C)
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
55
65
75
85
95
Temperature (°C)
Bias Conditions: Vd=4.0V, Id=240 mA
October 2006 - Rev 19-Oct-06
U1006-QB


Similar Part No. - XU1006-QB-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1006-QB-EV1 MIMIX-XU1006-QB-EV1 Datasheet
229Kb / 9P
   36.0-42.0 GHz GaAs Transmitter SMT, 7x7 mm
More results

Similar Description - XU1006-QB-EV1

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
38TX0768-QB MIMIX-38TX0768-QB Datasheet
293Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
XU1006-QB MIMIX-XU1006-QB_07 Datasheet
229Kb / 9P
   36.0-42.0 GHz GaAs Transmitter SMT, 7x7 mm
XU1006-QB MIMIX-XU1006-QB_09 Datasheet
263Kb / 9P
   36.0-42.0 GHz GaAs Transmitter
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD_07 Datasheet
619Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com