Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1006-QB-0L0T Datasheet(PDF) 7 Page - Mimix Broadband

Part # XU1006-QB-0L0T
Description  36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1006-QB-0L0T Datasheet(HTML) 7 Page - Mimix Broadband

  XU1006-QB-0L0T Datasheet HTML 1Page - Mimix Broadband XU1006-QB-0L0T Datasheet HTML 2Page - Mimix Broadband XU1006-QB-0L0T Datasheet HTML 3Page - Mimix Broadband XU1006-QB-0L0T Datasheet HTML 4Page - Mimix Broadband XU1006-QB-0L0T Datasheet HTML 5Page - Mimix Broadband XU1006-QB-0L0T Datasheet HTML 6Page - Mimix Broadband XU1006-QB-0L0T Datasheet HTML 7Page - Mimix Broadband XU1006-QB-0L0T Datasheet HTML 8Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
36.0-42.0 GHz GaAsTransmitter
QFN, 7x7 mm
Page 7 of 8
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
App Note [3] USB/LSB Selection
-
USB
LSB
IF1
IF2
An alternate method of Selection of USB or LSB:
For Lower Side Band operation (LSB):
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the LSB signal will reside on the input
port. The isolated port must be loaded
with 50 ohms.
With IF1 and IF2 connected to the
direct port (0º) and coupled port (90º)
respectively as shown in the diagram,
the USB signal will reside on the
isolated port. The input port must be
loaded with 50 ohms.
For Upper Side Band operation (USB):
-90 o
In Phas e Combiner
USB
In Phas e Combiner
LSB
-90 o
IF2
IF1
IF2
IF1
Factory Automation and Identification
Mimix
Designator
-QB
Package
Type
QFN (7x7mm)
P
1 Component
Pitch
12mm
P
0 Hole
Pitch
4mm
W Tape
Width
16mm
Number of
leads offered
28
Reel
Diameter
329mm (13in)
Units
per Reel
1000
Tape and Reel Packaging per the following conditions:
Tape Width:
16 mm
Tape Pitch (part to part):
12 mm
Component Orientation:
Parts are to be oriented with the PIN 1 closest to the tape's round sprocket holes on the tape’s trailing edge.
Reel Diameter:
329 mm (13 inch)
Note: Tape and Reel packaging is ordered with a -000T suffix. Package is available in 500 unit reels through designated sales channels.
Minimum order quantities should be discussed with your local sales representative.
October 2006 - Rev 19-Oct-06
U1006-QB


Similar Part No. - XU1006-QB-0L0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1006-QB-0L0T MIMIX-XU1006-QB-0L0T Datasheet
229Kb / 9P
   36.0-42.0 GHz GaAs Transmitter SMT, 7x7 mm
More results

Similar Description - XU1006-QB-0L0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
38TX0768-QB MIMIX-38TX0768-QB Datasheet
293Kb / 8P
   36.0-42.0 GHz GaAs Transmitter QFN, 7x7 mm
XU1006-QB MIMIX-XU1006-QB_07 Datasheet
229Kb / 9P
   36.0-42.0 GHz GaAs Transmitter SMT, 7x7 mm
XU1006-QB MIMIX-XU1006-QB_09 Datasheet
263Kb / 9P
   36.0-42.0 GHz GaAs Transmitter
XR1005-QD MIMIX-XR1005-QD Datasheet
547Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1005-QD MIMIX-XR1005-QD_07 Datasheet
619Kb / 7P
   19.0-26.0 GHz GaAs Receiver QFN, 7x7 mm
XR1008-QB MIMIX-XR1008-QB Datasheet
244Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1002-QB MIMIX-XR1002-QB Datasheet
738Kb / 10P
   18.0-30.0 GHz GaAs Receiver QFN, 7x7 mm
40REC0770-QB MIMIX-40REC0770-QB Datasheet
228Kb / 7P
   35.0-45.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com