Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

5962-0620701Q3A Datasheet(PDF) 3 Page - Intersil Corporation

Part # 5962-0620701Q3A
Description  짹15kV ESD Protected, 3.3V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

5962-0620701Q3A Datasheet(HTML) 3 Page - Intersil Corporation

  5962-0620701Q3A Datasheet HTML 1Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 2Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 3Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 4Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 5Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 6Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 7Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 8Page - Intersil Corporation 5962-0620701Q3A Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
3
FN6297.0
May 31, 2006
Pin Descriptions
PIN
FUNCTION
VCC
System power supply input (3.0V to 3.6V).
V+
Internally generated positive transmitter supply (+5.5V).
V-
Internally generated negative transmitter supply (-5.5V).
GND
Ground connection.
C1+
External capacitor (voltage doubler) is connected to this lead.
C1-
External capacitor (voltage doubler) is connected to this lead.
C2+
External capacitor (voltage inverter) is connected to this lead.
C2-
External capacitor (voltage inverter) is connected to this lead.
TIN
TTL/CMOS compatible transmitter Inputs. (Note 1)
TOUT
±15kV ESD Protected, RS-232 level (nominally ±5.5V) transmitter outputs.
RIN
±15kV ESD Protected, RS-232 compatible receiver inputs.
ROUT
TTL/CMOS level receiver outputs.
ROUTB
TTL/CMOS level, noninverting, always enabled receiver outputs.
INVALID
Active low output that indicates if no valid RS-232 levels are present on any receiver input.
EN
Active low receiver enable control; doesn’t disable ROUTB outputs.
FORCEOFF
Active low control to shut down transmitters and on-chip power supply. This overrides any automatic circuitry and FORCEON
(See Tables 1 & 2, Note 1).
FORCEON
Active high input to override automatic powerdown circuitry thereby keeping transmitters active. (FORCEOFF must be high,
Note 1).
NOTE:
1. The ICL3238E input pins incorporate positive feedback resistors. Once the input is driven to a valid logic level, the feedback resistor maintains
that logic level until VCC is removed. Unused transmitter inputs may be left unconnected by the user.
TABLE 1. POWER-DOWN LOGIC TRUTH TABLE
RCVR OR
XMTR
EDGE
WITHIN 30
SEC?
FORCEOFF
INPUT
FORCEON
INPUT
TRANSMITTER
OUTPUTS
RECEIVER
OUTPUTS
ROUTB
OUTPUT
RS-232
LEVEL
PRESENT
AT
RECEIVER
INPUT?
INVALID
OUTPUT
MODE OF OPERATION
ICL3238E
No
H
H
Active
Active
Active
No
L
Normal Operation (Enhanced
Auto Power-down Disabled)
No
H
H
Active
Active
Active
Yes
H
Yes
H
L
Active
Active
Active
No
L
Normal Operation (Enhanced
Auto Power-down Enabled)
Yes
H
L
Active
Active
Active
Yes
H
No
H
L
High-Z
Active
Active
No
L
Power-down Due to Enhanced
Auto Power-down Logic
No
H
L
High-Z
Active
Active
Yes
H
X
L
X
High-Z
High-Z
Active
No
L
Manual Power-down
X
L
X
High-Z
High-Z
Active
Yes
H
5962-0620701Q3A, 5962-0620702Q3A, 5962-0620703Q2A, 5962-0620704Q2A


Similar Part No. - 5962-0620701Q3A

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
5962-0620705 RENESAS-5962-0620705 Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
logo
Intersil Corporation
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
5962-0620705Q3A RENESAS-5962-0620705Q3A Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
logo
Intersil Corporation
5962-0620706Q3A INTERSIL-5962-0620706Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
5962-0620706Q3A RENESAS-5962-0620706Q3A Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
More results

Similar Description - 5962-0620701Q3A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
5962-0620705Q3A INTERSIL-5962-0620705Q3A Datasheet
194Kb / 9P
   짹15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
ISL83220E RENESAS-ISL83220E Datasheet
511Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E_06 Datasheet
194Kb / 10P
   짹15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
5962-0620705 RENESAS-5962-0620705 Datasheet
389Kb / 10P
   ±15kV ESD Protected, 5.0V 1Microamp, 250kbps, RS-232 Transmitters/Receivers
November 3, 2011
logo
Intersil Corporation
ISL83220E INTERSIL-ISL83220E Datasheet
267Kb / 11P
   /-15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
ISL83220ECV INTERSIL-ISL83220ECV Datasheet
198Kb / 10P
   ±15kV ESD Protected, 3V to 5.5V, 1Microamp, 250kbps, RS-232 Transmitters/Receivers
April 27, 2006
logo
Renesas Technology Corp
ICL3221EM RENESAS-ICL3221EM Datasheet
321Kb / 22P
   ±15kV ESD Protected, 3.3V, 1μA, 250kbps, RS-232 Transmitters/Receivers
May.29.19
logo
Intersil Corporation
ICL3221EM INTERSIL-ICL3221EM Datasheet
238Kb / 12P
   짹15kV ESD Protected, 3V, 1關A, 250kbps, RS-232 Transmitters/Receivers
HIN202E INTERSIL-HIN202E Datasheet
645Kb / 22P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
logo
Renesas Technology Corp
HIN202E RENESAS-HIN202E Datasheet
1Mb / 23P
   짹15kV, ESD-Protected, 5V Powered, RS-232 Transmitters/Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com