Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1005-QD-0N00 Datasheet(PDF) 1 Page - Mimix Broadband

Part # XU1005-QD-0N00
Description  10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1005-QD-0N00 Datasheet(HTML) 1 Page - Mimix Broadband

  XU1005-QD-0N00 Datasheet HTML 1Page - Mimix Broadband XU1005-QD-0N00 Datasheet HTML 2Page - Mimix Broadband XU1005-QD-0N00 Datasheet HTML 3Page - Mimix Broadband XU1005-QD-0N00 Datasheet HTML 4Page - Mimix Broadband XU1005-QD-0N00 Datasheet HTML 5Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
10.0-18.0 GHz GaAsTransmitter
QFN, 7x7mm
Electrical Characteristics (AmbientTemperatureT = 25o C)
Page 1 of 5
Integrated Mixer, LO Buffer and Output Amplifier
8 dB Conversion Gain
15 dB Image Rejection
+11 dBm P1dB
+6 dBm LO Drive Level
-12 dBm LO Leakage Power
Features
Absolute Maximum Ratings
Supply Voltage (Vd)
Supply Current (Id1,2,3)
Gate Bias Voltage (Vg)
Input Power (IF Pin)
Storage Temperature (Tstg)
Operating Temperature (Ta)
Channel Temperature (Tch)
+6.0 VDC
250,400 mA
+0.3 VDC
0.0 dBm
-65 to +165 OC
-55 to MTTF Table
MTTF Table
Units
GHz
GHz
GHz
dB
dB
dBm
dBm
dBm
dBm
VDC
VDC
VDC
VDC
mA
mA
mA
Min.
10.0
7.0
DC
-
-
-
+4.0
-
-
-
-
-
-1.2
-
-
-
Typ.
-
-
-
18.0
10.0
+6.0
-18.0
11.0
TBD
+5.0
-5.0
-0.6
-0.1
140
210
140
Max.
18.0
21.0
3.0
-
-
-
-
-
-
+5.5
-
-
+0.1
200
300
200
Parameter
Frequency Range (RF) Upper Side Band
Frequency Range (LO)
Frequency Range (IF)
Output Return Loss RF (S22)
Small Signal Conversion Gain IF/RF (S21)
LO Input Drive (PLO)
LO Leakage at RF (LO/RF)
Output P1dB Compression (P1dB)
Output Third Order Intercept (OIP3)
Drain Bias Voltage (Vd1,2)
Source Bias Voltage (Vs1)
Gate Bias Voltage (Vg1), Mixer
Gate Bias Voltage (Vg2)
Supply Current (Id1) (Vd1=5.0V)
Supply Current (Id2) (Vd2=5.0V, Vg=-0.1V Typical)
Supply Current (Is1) (Vs1=-5.0V)
(1) Channel temperature affects a device's MTTF. It is
recommended to keep channel temperature as low as
possible for maximum life.
1
1
November 2006 - Rev 02-Nov-06
Mimix Broadband's 10.0-18.0 GHz GaAs MMIC transmitter provides
+11 dBm output P1dB compression and 15 dB image rejection
across the band. This device is an image reject, balanced mixer
followed by a two stage output amplifier. The image reject mixer
reduces the need for unwanted sideband filtering before the power
amplifier. I and Q mixer inputs are provided and an external 90
degree hybrid is required to select the desired sideband. This device
comes in a 7x7mm QFN surface mount laminate package which is
RoHS compliant. This device is well suited for Millimeter-wave
Point-to-Point Radio, LMDS, SATCOM and VSAT applications.
General Description
U1005-QD


Similar Part No. - XU1005-QD-0N00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1005-QD-0N00 MIMIX-XU1005-QD-0N00 Datasheet
422Kb / 6P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
More results

Similar Description - XU1005-QD-0N00

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1005-QD MIMIX-XU1005-QD_07 Datasheet
422Kb / 6P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
XU1003-QD MIMIX-XU1003-QD Datasheet
322Kb / 6P
   19.0-26.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD MIMIX-XU1002-QD_07 Datasheet
319Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1002-QD MIMIX-XU1002-QD Datasheet
318Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1005-BD MIMIX-XU1005-BD Datasheet
363Kb / 8P
   10.0-18.0 GHz GaAs MMIC Transmitter
14TX0614 MIMIX-14TX0614 Datasheet
174Kb / 8P
   10.0-18.0 GHz GaAs MMIC Transmitter
XR1007-QD MIMIX-XR1007-QD_07 Datasheet
245Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD Datasheet
269Kb / 6P
   10.0-18.0 GHz GaAs Receiver QFN, 7x7 mm
XR1007-QD MIMIX-XR1007-QD_10 Datasheet
865Kb / 7P
   10.0-18.0 GHz GaAs Receiver
XP1031-QK MIMIX-XP1031-QK Datasheet
315Kb / 6P
   37.0-42.0 GHz GaAs Power Amplifier QFN, 7x7mm
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com