Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE558 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # NE558
Description  Quad timer
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE558 Datasheet(HTML) 2 Page - NXP Semiconductors

  NE558 Datasheet HTML 1Page - NXP Semiconductors NE558 Datasheet HTML 2Page - NXP Semiconductors NE558 Datasheet HTML 3Page - NXP Semiconductors NE558 Datasheet HTML 4Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Philips Semiconductors Linear Products
Product specification
NE558
Quad timer
August 31, 1994
379
DC AND AC ELECTRICAL CHARACTERISTICS
TA = 25°C, VCC = +5V to +15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
NE558
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
UNIT
VCC
Supply voltage
4.5
16
V
ICC
Supply current
VCC=Reset=15V
16
36
mA
Timing accuracy (t=RC)
R=2k
Ω to 100kΩ,
C=1
µF
tA
Initial accuracy
±2
5
%
∆tA/∆T
Drift with temperature
30
150
ppm/
°C
∆tA/∆VS
Drift with supply voltage
0.1
0.9
%/V
VTRIG
Trigger voltage1
VCC=15V
0.8
2.4
V
ITRIG
Trigger current
Trigger=0V
5
100
µA
VRESET
Reset voltage2
0.8
2.4
V
IRESET
Reset current
Reset
50
500
µA
VTH
Threshold voltage
0.63
×VCC
Threshold leakage
15
nA
VOUT
Output voltage3
IL=10mA
0.1
0.4
V
IL=100mA
1.0
2.0
V
Output leakage
10
500
nA
tPD
Propagation delay
1.0
µs
tR
Rise time of output
IL=100mA
100
ns
tF
Fall time of output
IL=100mA
100
ns
NOTES:
1. The trigger functions only on the falling edge of the trigger pulse only after previously being high. After reset, the trigger must be brought high
and then low to implement triggering.
2. For reset below 0.8V, outputs set low and trigger inhibited. For reset above 2.4V, trigger enabled.
3. The 558 output structure is open-collector which requires a pull-up resistor to VCC to sink current. The output is normally low sinking current.


Similar Part No. - NE558

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
NE558 FAIRCHILD-NE558 Datasheet
43Kb / 6P
   Quad Timer
logo
Unisonic Technologies
NE558 UTC-NE558 Datasheet
119Kb / 2P
   LINEAR INTEGRATED CIRCUIT
logo
List of Unclassifed Man...
NE558 ETC2-NE558 Datasheet
83Kb / 4P
   Quad Timer
July 8, 1988
logo
Fairchild Semiconductor
NE558D FAIRCHILD-NE558D Datasheet
43Kb / 6P
   Quad Timer
logo
Unisonic Technologies
NE558 UTC-NE558_15 Datasheet
119Kb / 2P
   LINEAR INTEGRATED CIRCUIT
More results

Similar Description - NE558

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE558 ETC2-NE558 Datasheet
83Kb / 4P
   Quad Timer
July 8, 1988
logo
Fairchild Semiconductor
NE558 FAIRCHILD-NE558 Datasheet
43Kb / 6P
   Quad Timer
KA558 FAIRCHILD-KA558 Datasheet
44Kb / 6P
   Quad Timer
logo
NTE Electronics
NTE926 NTE-NTE926 Datasheet
23Kb / 2P
   Integrated Circuit Quad Timer
logo
Motorola, Inc
MC14415 MOTOROLA-MC14415 Datasheet
256Kb / 7P
   Quad Precision Timer/Driver
logo
Advanced Linear Devices
ALD4501 ALD-ALD4501_10 Datasheet
66Kb / 7P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
ALD4501 ALD-ALD4501 Datasheet
42Kb / 4P
   QUAD PRECISION HIGH SPEED MICROPOWER TIMER
logo
Linear Technology
LTC2900 LINER-LTC2900_15 Datasheet
210Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
LTC2900 LINER-LTC2900 Datasheet
199Kb / 16P
   Programmable Quad Supply Monitor with Adjustable Reset Timer
logo
FOTEK CONTROLS CO., LTD...
TDVN-M3 FOTEK-TDVN-M3 Datasheet
196Kb / 1P
   TWIN TIMER & DEFROSTING TIMER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com