Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL6564AIRZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL6564AIRZ
Description  Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL6564AIRZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL6564AIRZ Datasheet HTML 2Page - Intersil Corporation ISL6564AIRZ Datasheet HTML 3Page - Intersil Corporation ISL6564AIRZ Datasheet HTML 4Page - Intersil Corporation ISL6564AIRZ Datasheet HTML 5Page - Intersil Corporation ISL6564AIRZ Datasheet HTML 6Page - Intersil Corporation ISL6564AIRZ Datasheet HTML 7Page - Intersil Corporation ISL6564AIRZ Datasheet HTML 8Page - Intersil Corporation ISL6564AIRZ Datasheet HTML 9Page - Intersil Corporation ISL6564AIRZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN6285.1
March 20, 2007
Typical Application for Load Line Regulation Using rDS(ON) Sensing and External NTC
VID3
+5V
PWM
VCC
BOOT
UGATE
PHASE
LGATE
GND
+12V
VIN
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
VIN
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
ISL6612
DRIVER
VIN
PWM
VCC
BOOT
UGATE
PHASE
LGATE
PVCC
GND
+12V
ISL6612
DRIVER
VIN
VID4
PGOOD
VID2
VID1
VID0
VSEN
VDIFF
FB
COMP
VCC
GND
RGND
EN
ISEN1+
PWM1
PWM2
ISEN2+
PWM3
ISEN3+
PWM4
ISEN4+
ISL6564A
µP
LOAD
VID12.5
ISEN1-
ISEN2-
ISEN3-
ISEN4-
IOUT
REF
DAC
OVP
FS
OFS
ISL6612
PVCC
ENLL
VIDPGOOD
IDROOP
ISL6612
DRIVER
DRIVER
+12V
NTC
NETWORK
VOLTAGE PROPOTIONAL
TO LOAD CURRENT
DRVEN
NTC
THERMISTOR
ISL6564A


Similar Part No. - ISL6564AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6564AIRZ RENESAS-ISL6564AIRZ Datasheet
1Mb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
More results

Similar Description - ISL6564AIRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL6564A RENESAS-ISL6564A Datasheet
1Mb / 28P
   Multiphase PWM Controller with Linear 6-Bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6564 INTERSIL-ISL6564 Datasheet
798Kb / 27P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6564 RENESAS-ISL6564 Datasheet
1Mb / 28P
   Multi-Phase PWM Controller with Linear 6-bit DAC Capable of Precision rDS(ON) or DCR Differential Current Sensing
logo
Intersil Corporation
ISL6306 INTERSIL-ISL6306 Datasheet
699Kb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
ISL6326 INTERSIL-ISL6326 Datasheet
630Kb / 30P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS ON or DCR Differential Current Sensing
logo
Renesas Technology Corp
ISL6306 RENESAS-ISL6306 Datasheet
1Mb / 33P
   4-Phase PWM Controller with 8-Bit DAC Code Capable of Precision rDS(ON) or DCR Differential Current Sensing
ISL6307 RENESAS-ISL6307 Datasheet
1Mb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
logo
Intersil Corporation
ISL6307 INTERSIL-ISL6307 Datasheet
976Kb / 34P
   6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current
ISL6307B INTERSIL-ISL6307B Datasheet
968Kb / 33P
   6-Phase VR11 PWM Controller with 8-Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing for Applications
ISL6307A INTERSIL-ISL6307A Datasheet
975Kb / 33P
   Ultra-high bandwidth 6-Phase PWM Controller with 8 Bit VID Code Capable of Precision RDS(ON) or DCR Differential Current Sensing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com