Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

XU1002-QD-0N0T Datasheet(PDF) 5 Page - Mimix Broadband

Part # XU1002-QD-0N0T
Description  17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MIMIX [Mimix Broadband]
Direct Link  http://www.mimixbroadband.com
Logo MIMIX - Mimix Broadband

XU1002-QD-0N0T Datasheet(HTML) 5 Page - Mimix Broadband

  XU1002-QD-0N0T Datasheet HTML 1Page - Mimix Broadband XU1002-QD-0N0T Datasheet HTML 2Page - Mimix Broadband XU1002-QD-0N0T Datasheet HTML 3Page - Mimix Broadband XU1002-QD-0N0T Datasheet HTML 4Page - Mimix Broadband XU1002-QD-0N0T Datasheet HTML 5Page - Mimix Broadband XU1002-QD-0N0T Datasheet HTML 6Page - Mimix Broadband XU1002-QD-0N0T Datasheet HTML 7Page - Mimix Broadband  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
November 2006 - Rev 21-Nov-06
17.0-25.0 GHz GaAsTransmitter
QFN, 7x7mm
U1002-QD
Mimix Broadband, Inc., 10795 Rockley Rd., Houston, Texas 77099
Tel: 281.988.4600 Fax: 281.988.4615 mimixbroadband.com
Characteristic Data and Specifications are subject to change without notice.
©2006 Mimix Broadband, Inc.
Export of this item may require appropriate export licensing from the U.S. Government. In purchasing these parts, U.S. Domestic customers accept
their obligation to be compliant with U.S. Export Laws.
Page 5 of 7
Typical Application
Mimix Broadband MMIC-based 19.0-26.0 GHz Transmitter Block Diagram
(Changing LO and IF frequencies as required allows design to operate as high as 26 GHz)
IF IN
2 GHz
XB1004
XP1013
XU1002-QD
Sideband
Reject
RF Out
17.7-23.6 GHz
LO(+2.0dBm)
7.85-10.8 GHz (USB Operation)
9.85-10.85 GHz (LSB Operation)
Mimix Broadband's 17.0-25.0 GHz XU1002-QD GaAs MMIC Transmitter can be used in saturated radio applications and
linear modulation schemes up to 16 QAM. The transmitter can be used in upper and lower sideband applications from
19.0-26.0 GHz.
MTTFTables
Bias Conditions: Vd1=4.0V, Vd2=4.0V, Id1=230 mA, Id2=116 mA
MTTF is calculated from accelerated life-time data of single devices and assumes an isothermal back-plate.
App Note [1] Biasing - This device is operated by separately biasing Vd1 and Vd2 with Vd1=4.0V, Id1=230mA and Vd2=4.0V,
Id2=116mA. It is recommended to use active biasing to keep the currents constant as the RF power and temperature vary; this gives
the most reproducible results. Depending on the supply voltage available and the power dissipation constraints, the bias circuit may
be a single transistor or a low power operational amplifier, with a low value resistor in series with the drain supply used to sense the
current. The gate of the pHEMT is controlled to maintain correct drain current and thus drain voltage. The typical gate voltage needed
to do this is -0.1V. Typically the gate is protected with Silicon diodes to limit the applied voltage. Also, make sure to sequence the
applied voltage to ensure negative gate bias is available before applying the positive drain supply.
MTTF vs. Backplate Temperature
1.0E+00
1.0E+01
1.0E+02
1.0E+03
1.0E+04
1.0E+05
1.0E+06
1.0E+07
1.0E+08
1.0E+09
20
30
40
50
60
70
80
90
100
110
Temperature (degrees)


Similar Part No. - XU1002-QD-0N0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1002-QD-0N0T MIMIX-XU1002-QD-0N0T Datasheet
319Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
More results

Similar Description - XU1002-QD-0N0T

ManufacturerPart #DatasheetDescription
logo
Mimix Broadband
XU1002-QD MIMIX-XU1002-QD_07 Datasheet
319Kb / 7P
   17.0-25.0 GHz GaAs Transmitter QFN, 7x7mm
XU1003-QD MIMIX-XU1003-QD Datasheet
322Kb / 6P
   19.0-26.0 GHz GaAs Transmitter QFN, 7x7mm
XU1005-QD MIMIX-XU1005-QD_07 Datasheet
422Kb / 6P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
XU1005-QD MIMIX-XU1005-QD Datasheet
438Kb / 5P
   10.0-18.0 GHz GaAs Transmitter QFN, 7x7mm
XR1006-QD MIMIX-XR1006-QD Datasheet
690Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XP1022-QF MIMIX-XP1022-QF Datasheet
868Kb / 8P
   17.0-25.0 GHz GaAs MMIC Power Amplifier, QFN
XR1006-QD_0708 MIMIX-XR1006-QD_0708 Datasheet
656Kb / 8P
   17.0-25.0 GHz GaAs Receiver QFN, 7x7 mm
XP1022-BD MIMIX-XP1022-BD Datasheet
239Kb / 9P
   17.0-25.0 GHz GaAs MMIC Power Amplifier
XU1000 MIMIX-XU1000 Datasheet
264Kb / 5P
   17.0-27.0 GHz GaAs MMIC Transmitter
XP1031-QK MIMIX-XP1031-QK Datasheet
315Kb / 6P
   37.0-42.0 GHz GaAs Power Amplifier QFN, 7x7mm
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com