Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN7311 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN7311
Description  LCD Backlight Inverter Drive IC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN7311 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN7311_07 Datasheet HTML 4Page - Fairchild Semiconductor FAN7311_07 Datasheet HTML 5Page - Fairchild Semiconductor FAN7311_07 Datasheet HTML 6Page - Fairchild Semiconductor FAN7311_07 Datasheet HTML 7Page - Fairchild Semiconductor FAN7311_07 Datasheet HTML 8Page - Fairchild Semiconductor FAN7311_07 Datasheet HTML 9Page - Fairchild Semiconductor FAN7311_07 Datasheet HTML 10Page - Fairchild Semiconductor FAN7311_07 Datasheet HTML 11Page - Fairchild Semiconductor FAN7311_07 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN7311 Rev. 1.0.6
8
Figure 5. Burst Oscillator Waveform
Figure 6. Burst Dimming
Open Lamp Regulation and Open-Lamp Protection: It
is necessary to suspend power stage operation if an
open lamp occurs, because the power stage has high
gain. When a voltage higher than 2V is applied to the
OLR pin, the part enters regulation mode and controls
the EA_OUT voltage. This limits the lamp voltage by
summing 105µA into the feedback node. At the same
time, the OLP capacitor, connected to the OLP pin, is
charged by the 1.4µA internal current source. Once it
reaches 2.5V, the IC enters shut down where all output is
high.
Figure 7. OLR Voltage During Striking Mode
Output Drives: The four output drives are designed so
that switches A and B, C and D never turn on simulta-
neously. The OUTA-OUTB pair is intended to drive one
half-bridge in the external power stage. The OUTC-
OUTD pair drives the other half-bridge.
Figure 8. Phase-Shift Control Waveforms
8.5V
8.5V
8.5V
8.5V
VIN
VIN


Similar Part No. - FAN7311_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7311_0712 FAIRCHILD-FAN7311_0712 Datasheet
380Kb / 3P
   LCD Backlight Inverter Drive IC
More results

Similar Description - FAN7311_07

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN7316 FAIRCHILD-FAN7316 Datasheet
1Mb / 21P
   LCD Backlight Inverter Drive IC
FAN7318 FAIRCHILD-FAN7318 Datasheet
590Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7314A FAIRCHILD-FAN7314A Datasheet
496Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7319 FAIRCHILD-FAN7319 Datasheet
1Mb / 23P
   LCD Backlight Inverter Drive IC
FAN7313 FAIRCHILD-FAN7313 Datasheet
312Kb / 11P
   LCD Backlight Inverter Drive IC
FAN7316 FAIRCHILD-FAN7316_08 Datasheet
435Kb / 3P
   LCD Backlight Inverter Drive IC
FAN7318A FAIRCHILD-FAN7318A Datasheet
1Mb / 24P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314 Datasheet
546Kb / 14P
   LCD Backlight Inverter Drive IC
FAN7311 FAIRCHILD-FAN7311 Datasheet
461Kb / 13P
   LCD Backlight Inverter Drive IC
FAN7314 FAIRCHILD-FAN7314_07 Datasheet
254Kb / 3P
   LCD Backlight Inverter Drive IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com