Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

ISL59117 Datasheet(PDF) 2 Page - Intersil Corporation

Part No. ISL59117
Description  Triple Channel Video Driver with LPF
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL59117 Datasheet(HTML) 2 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
2
FN6278.0
September 21, 2006
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typ values are for information purposes only. Unless otherwise noted, all tests are
at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Absolute Maximum Ratings (TA = +25°C)
Supply Voltage from VDD to GND . . . . . . . . . . . . . . . . . . . . . . . 4.2V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . VDD +0.3V to GND -0.3V
Continuous Output Current . . . . . . . . . . . . . . . . . . . . . . . . . . . 40mA
Power Dissipation . . . . . . . . . . . . . . . . . . . . . . . . . . . . . See Curves
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . . +125°C
ESD Classification
Human Body Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 3000V
Machine Model . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 300V
Storage Temperature . . . . . . . . . . . . . . . . . . . . . . . . -65°C to +125°C
Ambient Operating Temperature . . . . . . . . . . . . . . . . -40°C to +85°C
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
Electrical Specifications
VDD = 3.3V, TA = +25°C, RL = 150Ω to GND, unless otherwise specified.
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
INPUT CHARACTERISTICS
VDD
Supply Voltage Range
2.5
3.6
V
IDD
Quiescent Supply Current
VIN = 500mV, EN = VDD, no load
3.9
6.5
mA
IDD_OFF
Shutdown Supply Current
EN = 0V
0.1
0.5
µA
VY_CLAMP
Y Input Clamp Voltage
IY = -100µA
-30
-15
10
mV
IY_DOWN
Y Input Clamp Discharge Current
VY = 0.5V
3
5
7
µA
IY_UP
Y Input Clamp Charge Current
VY = -0.1V
-3.4
-2.5
mA
RY
Y Input Resistance
0.5V < VY < 1V
10
M
VCVBS_CLAMP
CVBS Input Clamp Voltage
IY = -100µA
-30
-15
10
mV
ICVBS_DOWN
CVBS Input Clamp Discharge current
VCVBS = 0.5V
357
µA
ICVBS_UP
CVBS Input Clamp Charge current
VCVBS = -0.1V
-3.4
-2.5
mA
RCVBS
CVBS Input Resistance
0.5V < VCVBS < 1V
10
M
VC_CLAMP
C Input Clamp Voltage
VY = 0.05V, IC = 0A
500
550
700
mV
RC
C Input Resistance
VY = 0.05V, 0.25V < VC < 0.75V
2.0
2.6
3.0
k
IC
C Input Bias Current
VY = 0.3V
10
pA
VY_SYNC
Y Input Sync Detect Voltage
100
150
200
mV
VOLS
Output Level Shift Voltage
VIN = 0V, no load
60
140
200
mV
AV
Voltage Gain
RL = 150Ω
1.95
1.99
2.04
V/V
A
V_CY
C-Y Channel Gain Mismatch
-1.75
±0.5
1.75
%
A
V_CVBS
C/Y-CVBS Channel Gain Mismatch
-2.0
±0.5
2.0
%
PSRR
DC Power Supply Rejection
VDD = 2.5V to 3.6V
60
dB
VOH
Output Voltage High Swing
VIN = 2V, RL = 150Ω to GND
2.85
3.2
V
ISC
Output Short-Circuit Current
VIN = 2V, to GND through 10Ω
100
145
mA
IENABLE
Enable Input Current
0V < VEN < 3.3V
-0.2
0
+0.2
µA
VIL
Disable Threshold
0.8
V
VIH
Enable Threshold
2.0
V
ROUT
Shutdown Output Impedance
EN = 0V DC
5
7
8
k
EN = 0V, f = 4.5MHz
3.4
k
ISL59117


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn