Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL59117 Datasheet(PDF) 4 Page - Intersil Corporation

Part No. ISL59117
Description  Triple Channel Video Driver with LPF
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL59117 Datasheet(HTML) 4 Page - Intersil Corporation

  ISL59117 Datasheet HTML 1Page - Intersil Corporation ISL59117 Datasheet HTML 2Page - Intersil Corporation ISL59117 Datasheet HTML 3Page - Intersil Corporation ISL59117 Datasheet HTML 4Page - Intersil Corporation ISL59117 Datasheet HTML 5Page - Intersil Corporation ISL59117 Datasheet HTML 6Page - Intersil Corporation ISL59117 Datasheet HTML 7Page - Intersil Corporation ISL59117 Datasheet HTML 8Page - Intersil Corporation ISL59117 Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
4
FN6278.0
September 21, 2006
Pin Descriptions
PIN NUMBER
PIN NAME
DESCRIPTION
A1
CIN
Chrominance input
A2
GND
Ground
A3
COUT
Chrominance output
B1
CVBSIN
Composite Video input
B2
EN
Enable
B3
CVBSOUT
Composite Video output
C1
YIN
Luminance Input
C2
VDD
Positive power supply
C3
YOUT
Luminance output
Typical Performance Curves
FIGURE 1. GAIN vs FREQUENCY -0.1dB
FIGURE 2. GAIN vs FREQUENCY -3dB POINT
FIGURE 3. GAIN vs FREQUENCY FOR VARIOUS CLOAD
FIGURE 4. MAXIMUM OUTPUT MAGNITUDE vs INPUT
MAGNITUDE
100k
1M
10M
5
4
3
2
1
-1
-2
-3
-5
FREQUENCY (Hz)
100M
VDD = +3.3V
RL = 150Ω
-0.1dB BW @ 3.8MHz
0
-4
100k
1M
10M
5
0
-5
-10
-15
-20
-25
-30
-35
-40
FREQUENCY (Hz)
40M
VDD = +3.3V
RL = 150Ω
-3dB BW @ 9MHz
-30dB BW @ 27MHz
100k
1M
10M
100M
5
4
3
2
1
0
-1
-2
-3
-4
-5
FREQUENCY (Hz)
VDD = +3.3V
RL = 150Ω
CL = 1000pF
CL = 470pF
CL = 10pF
CL = 27pF
0.0 0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.0
3.5
3.0
2.5
2.0
1.5
1.0
0.5
0.0
VIN (VP-P)
VDD = +3.3V
RL = 150Ω
FIN = 100kHz
ISL59117


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn