Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL9209IRZ Datasheet(PDF) 8 Page - Intersil Corporation

Part # ISL9209IRZ
Description  Charging System Safety Circuit
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL9209IRZ Datasheet(HTML) 8 Page - Intersil Corporation

Back Button ISL9209IRZ Datasheet HTML 3Page - Intersil Corporation ISL9209IRZ Datasheet HTML 4Page - Intersil Corporation ISL9209IRZ Datasheet HTML 5Page - Intersil Corporation ISL9209IRZ Datasheet HTML 6Page - Intersil Corporation ISL9209IRZ Datasheet HTML 7Page - Intersil Corporation ISL9209IRZ Datasheet HTML 8Page - Intersil Corporation ISL9209IRZ Datasheet HTML 9Page - Intersil Corporation ISL9209IRZ Datasheet HTML 10Page - Intersil Corporation ISL9209IRZ Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
8
FN6274.0
April 25, 2006
protection threshold is set to 5.85V. When the input voltage
exceeds the threshold, the CP1 outputs a logic signal to turn
off the power PFET within 1µs (see Figure 3) to prevent the
high input voltage from damaging the electronics in the
handheld system. The hysteresis for the input OVP
threshold is given in the Electrical Specification. When the
input overvoltage condition is removed, the ISL9209
re-enables the output by running through the soft-start, as
shown in Figure 5. Because of the 10ms second delay
before the soft-start, the output is never enabled if the input
rises above the OVP threshold quickly, as shown in Figure 6.
Battery Overvoltage Protection
The battery voltage OVP is realized with the VB pin. The
comparator CP3, as shown in Figure 1, monitors the VB pin
and issues an overvoltage signal when the battery voltage
exceeds the 4.4V battery OVP threshold. The threshold has
75mV built-in hysteresis. The comparator CP3 has a built-in
180µs blanking time to prevent any transient voltage from
triggering the OVP. If the OVP situation still exists after the
blanking time, the power PFET is turned off. The control
logic contains a 4-bit binary counter that if the battery
overvoltage event occurs 16 times, the power PFET is
turned off permanently, as shown in Figure 7. Recycling the
input power or toggling the enable (EN) input will reset the
counter and restart the ISL9209.
The resistor between the VB pin and the battery, RVB, as
shown in the Typical Applications circuit, is an important
component. This resistor provides a current limit in case the
VB pin is shorted to the input voltage under a failure mode.
The VB pin leakage current under normal operation is
negligible to allow a resistance of 200k
Ω to 1MΩ be used.
Overcurrent Protection (OCP)
The current in the power PFET is limited to prevent charging
the battery with an excessive current. The current is sensed
using the voltage drop across the power FET after the FET is
turned on. The reference of the OCP is generated using a
sensing FET Q2, as shown in Figure 1. The current in the
sensing FET is forced to the value programmed by the ILIM
pin. The size of the power FET Q1 is 31,250 times the size
of the sensing FET. Therefore, when the current in the power
FET is 31,250 times the current in the sensing FET, the drain
voltage of the power FET falls below that of the sensing FET.
The comparator CP2 then outputs a signal to turn off the
power FET.
The OCP threshold can be calculated using the following
equation:
where the 0.8V is the regulated voltage at the ILIM pin. The
OCP comparator CP2 has a built-in 170µs delay to prevent
false triggering by transient signals. The OCP function also
has a 4-bit binary counter that accumulates during an OCP
event. When the total count reaches 16, the power PFET is
turned off permanently unless the input power is recycled or
the enable pin is toggled. Figure 8 and Figure 9 illustrate the
waveforms during the power-up when the output is
short-circuited to ground.
Internal Over Temperature Protection
The ISL9209 monitors its own internal temperature to
prevent thermal failures. When the internal temperature
reaches 140°C, the IC turns off the P-channel power
MOSFET. The IC does not resume operation until the
internal temperature drops below 90°C.
External Enable Control
The ISL9209 offers an enable (EN) input. When the EN pin
is pulled to logic HIGH, the protection IC is shut down. The
internal control circuit as well as the power PFET are turned
off. Both 4-bit binary counters for the battery OVP and the
OCP are reset to zero when the IC is re-enabled. The EN pin
has an internal 200k
Ω pull-down resistor. Leaving the EN pin
floating or driving it to below 0.4V enables the IC.
Warning Indication Output
The WRN pin is an open-drain output that indicates a LOW
signal when any of the three protection events happens. This
allows the microprocessor to give an indication to the user to
further enhance the safety of the charging system.
Applications Information
The ISL9209 is designed to meet the “Lithium-Safe” criteria
when operating together with the ISL6292 family Li-ion
battery chargers. The “Lithium-Safe” criteria requires the
charger output to fall within the green region shown in
Figure 23 under normal operating conditions and NOT to fall
in the red region when there is a single fault in the charging
system. Taking into account the safety circuit in a Li-ion
battery pack, the charging system is allowed to have two
faults without creating hazardous conditions for the battery
cell. The output of any ISL6292 family chargers, such as the
ISL6292C, has a typical I-V curve shown with the blue lines
under normal operation, which is within the green region.
The function of the ISL9209 is to add a redundant protection
layer such that, under any single fault condition, the charging
system output does not exceed the I-V limits shown with the
red lines. As a result, the charging system adopting the
ISL9209 and the ISL6292C chip set can easily pass the
“Lithium-Safe” criteria test procedures.
The ISL9209 is a simple device that requires only three
external components, in addition to the ISL6292 charger
circuit, to meet the “Lithium-Safe” criteria, as shown in the
Typical Application Circuit. The selection of the current limit
resistor RILIM is given in the Overcurrent Protection section.
I
LIM
0.8V
R
ILIM
--------------- 31250
25000
R
ILIM
----------------
=
=
ISL9209


Similar Part No. - ISL9209IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL9209IRZ RENESAS-ISL9209IRZ Datasheet
934Kb / 11P
   Charging System Safety Circuit
ISL9209IRZ-T RENESAS-ISL9209IRZ-T Datasheet
934Kb / 11P
   Charging System Safety Circuit
More results

Similar Description - ISL9209IRZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL9209C INTERSIL-ISL9209C Datasheet
611Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9211A RENESAS-ISL9211A Datasheet
624Kb / 13P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212A INTERSIL-ISL9212A Datasheet
489Kb / 11P
   Charging System Safety Circuit
ISL9212B INTERSIL-ISL9212B Datasheet
534Kb / 11P
   Charging System Safety Circuit
ISL9209B INTERSIL-ISL9209B Datasheet
599Kb / 11P
   Charging System Safety Circuit
logo
Renesas Technology Corp
ISL9212B RENESAS-ISL9212B Datasheet
877Kb / 11P
   Charging System Safety Circuit
logo
Intersil Corporation
ISL9212 INTERSIL-ISL9212 Datasheet
535Kb / 11P
   Charging System Safety Circuit
ISL9211A INTERSIL-ISL9211A Datasheet
385Kb / 12P
   Charging System Safety Circuit
ISL9209BIRZ INTERSIL-ISL9209BIRZ Datasheet
602Kb / 11P
   Charging System Safety Circuit
March 21, 2007
ISL9211BIRU58XZ-T INTERSIL-ISL9211BIRU58XZ-T Datasheet
380Kb / 12P
   Charging System Safety Circuit
November 4, 2014
ISL9211A INTERSIL-ISL9211A Datasheet
202Kb / 12P
   Charging System Safety Circuit
August 25, 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com