Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55190IRZ Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL55190IRZ
Description  Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55190IRZ Datasheet(HTML) 3 Page - Intersil Corporation

  ISL55190IRZ Datasheet HTML 1Page - Intersil Corporation ISL55190IRZ Datasheet HTML 2Page - Intersil Corporation ISL55190IRZ Datasheet HTML 3Page - Intersil Corporation ISL55190IRZ Datasheet HTML 4Page - Intersil Corporation ISL55190IRZ Datasheet HTML 5Page - Intersil Corporation ISL55190IRZ Datasheet HTML 6Page - Intersil Corporation ISL55190IRZ Datasheet HTML 7Page - Intersil Corporation ISL55190IRZ Datasheet HTML 8Page - Intersil Corporation ISL55190IRZ Datasheet HTML 9Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
3
FN6262.1
March 30, 2007
Absolute Maximum Ratings (TA = +25°C)
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5.5V
Supply Turn On Voltage Slew Rate . . . . . . . . . . . . . . . . . . . . . 1V/
μs
Differential Input Current . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5mA
Differential Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0.5V
Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . V- - 0.5V to V+ + 0.5V
ESD Rating
Human Body Model (Per MIL-STD-883 Method 3015.7) . . . . . 3kV
Machine Model (Per EIAJ ED-4701 Method C-111) . . . . . . . .300V
Thermal Resistance
θJA (°C/W)
8 Ld DFN Package . . . . . . . . . . . . . . . . . . . . . . . . .
65.75
8 Ld SO Package . . . . . . . . . . . . . . . . . . . . . . . . . .
110
10 Ld MSOP Package . . . . . . . . . . . . . . . . . . . . . . .
115
Ambient Operating Temperature Range . . . . . . . . . . -40°C to +85°C
Storage Temperature Range . . . . . . . . . . . . . . . . . . -65°C to +150°C
Operating Junction Temperature . . . . . . . . . . . . . . . . . . . . . +125°C
Pb-free reflow profile . . . . . . . . . . . . . . . . . . . . . . . . . .see link below
http://www.intersil.com/pbfree/Pb-FreeReflow.asp
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
IMPORTANT NOTE: All parameters having Min/Max specifications are guaranteed. Typical values are for information purposes only. Unless otherwise noted, all tests
are at the specified temperature and are pulsed tests, therefore: TJ = TC = TA
Electrical Specifications
V+ = 5V, V -= GND, RL = 1kΩ, RG = 30Ω, RF = 120Ω. unless otherwise specified. Parameters are per amplifier.
All values are at V+ = 5V, TA = +25°C
PARAMETER
DESCRIPTION
CONDITIONS
MIN
TYP
MAX
UNIT
DC SPECIFICATIONS
VOS
Input Offset Voltage
-1100
-300
500
µV
Input Offset Drift vs Temperature
-40°C to +85°C
0.43
µV/°C
IOS
Input Offset Current
-1.3
-0.3
0.7
µA
IB
Input Bias Current
-25
-40
µA
VCM
Common-Mode Voltage Range
0
3.8
V
CMRR
Common-Mode Rejection Ratio
VCM = 0V to 3.8V
80
95
dB
PSRR
Power Supply Rejection Ratio
V+ = 3V to 5V
80
100
dB
AVOL
Large Signal Voltage Gain
VO = 0.5V to 4V, RL = 1kΩ
85
115
dB
VOUT
Maximum Output Voltage Swing
Output low, RL = 1kΩ
39
100
mV
Output high, RL = 1kΩ, V+= 5V
4.960
4.978
V
IS,ON
Supply Current, Enabled
ISL55190
16
20
mA
ISL55290
30
38
mA
IS,OFF
Supply Current, Disabled
21
49
µA
IO+
Short-Circuit Output Current
RL = 10Ω
110
130
mA
IO-
Short-Circuit Output Current
RL = 10Ω
110
130
mA
VSUPPLY
Supply Operating Range
V+ to V-
3
5
V
VINH
ENABLE High Level
Referred to -V
2
V
VINL
ENABLE Low Level
Referred to -V
0.8
V
IENH
ENABLE Input High Current
VEN = V+
ISL55190 (EN)
20
80
nA
ISL55290 (EN)0.8
1.5
µA
IENL
ENABLE Input Low Current
VEN = V-
ISL55190 (EN)
5
6.2
µA
ISL55290 (EN)20
80
nA
ΔV
OS
ΔT
----------------
ISL55190, ISL55290


Similar Part No. - ISL55190IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55190IRZ RENESAS-ISL55190IRZ Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
ISL55190IRZ-T13 RENESAS-ISL55190IRZ-T13 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
More results

Similar Description - ISL55190IRZ

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55190 RENESAS-ISL55190 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Low Power Op Amp
March 30, 2007
logo
Intersil Corporation
ISL55191 INTERSIL-ISL55191 Datasheet
880Kb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op Amp
ISL28190 INTERSIL-ISL28190 Datasheet
908Kb / 14P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Op Amp
logo
Linear Technology
LT1115 LINER-LT1115 Datasheet
932Kb / 12P
   Ultra-Low Noise, Low Distortion, Audio Op Amp
logo
Renesas Technology Corp
ISL55191 RENESAS-ISL55191 Datasheet
1Mb / 18P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail, Low Power Op
March 30, 2007
logo
Intersil Corporation
ISL28190 INTERSIL-ISL28190_08 Datasheet
1Mb / 16P
   Single and Dual Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28190 RENESAS-ISL28190 Datasheet
1Mb / 19P
   Single and Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
ISL28290 RENESAS-ISL28290 Datasheet
1Mb / 21P
   Dual Single Supply Ultra-Low Noise, Ultra-Low Distortion, Rail-to-Rail Output, Op Amp
Jan.12.21
logo
Intersil Corporation
ISL28191 INTERSIL-ISL28191_08 Datasheet
1Mb / 16P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
logo
Renesas Technology Corp
ISL28191 RENESAS-ISL28191 Datasheet
1Mb / 18P
   Single and Dual Single Supply Ultra-Low Noise, Low Distortion Rail-to-Rail Output, Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com