Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

ISL97634 Datasheet(PDF) 1 Page - Intersil Corporation

Part No. ISL97634
Description  White LED Driver with Wide PWM Dimming Range
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INTERSIL [Intersil Corporation]
Homepage  http://www.intersil.com/cda/home
Logo 

ISL97634 Datasheet(HTML) 1 Page - Intersil Corporation

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
®
FN6264.2
CAUTION: These devices are sensitive to electrostatic discharge; follow proper IC Handling Procedures.
1-888-INTERSIL or 1-888-468-3774
| Intersil (and design) is a registered trademark of Intersil Americas Inc.
Copyright Intersil Americas Inc. 2006-2007. All Rights Reserved
All other trademarks mentioned are the property of their respective owners.
ISL97634
White LED Driver with Wide PWM
Dimming Range
The ISL97634 represents an efficient and highly integrated
PWM boost LED driver that is suitable for 1.8” to 3.5” LCDs
that employ 2 to 6 white LEDs for backlighting. With
integrated Schottky diode, OVP, and wide range of PWM
dimming capability, the ISL97634 provides a simple, reliable,
and flexible solution to the backlight designers.
The ISL97634 features a wide range of PWM dimming
control capability. It allows dimming frequency as low as DC
to 32kHz beyond audible spectrum. The ISL97634 also
features a feedback disconnect switch to prevent the output
from being modulated by the PWM dimming signal that
minimizes system disturbance.
The ISL97634 is available in the 8 Ld TDFN (2mmx3mm)
package. There are 14V, 18V, and 26V OVP options that are
suitable for 3 LEDS, 4 LEDs, and 6 LEDs backlight
applications respectively. The ISL97634 is specified for
operation over the -40°C to +85°C ambient temperature at
input voltage from 2.4V to 5.5V.
Pinout
ISL97634
(8 LD TDFN)
TOP VIEW
Typical Application Circuit
Features
• Drives Up to 6 LEDs in Series
• OVP (14V, 18V, and 26V for 3, 4 and 6 LEDs Applications)
• PWM Dimming Control From DC to 32kHz
• Output Disconnect Switch
• Integrated Schottky Diode
• 2.4V to 5.5V Input
• 85% Efficiency
• 1.4MHz Switching Frequency Allows Small LC
• 1µA Shutdown Current
• Internally Compensated
• 8 Ld TDFN (2mmx3mm)
• Pb-Free Plus Anneal Available (RoHS Compliant)
Applications
• LED Backlighting for:
- Cell phones
- Smartphones
-MP3
-PMP
- Automotive Navigation Panel
- Portable GPS
2
3
4
1
7
6
5
8
GND
VIN
PWM/EN
NC
LX
VOUT
FBSW
FB
VIN
LX
FBSW
GND
VIN
PWM/EN
FB
VOUT
NC
10µH or 22µH
Ordering Information
PART
NUMBER
(Note)
PART
MARKING
TAPE &
REEL
(QTY)
PACKAGE
(Pb-free)
PKG.
DWG. #
ISL97634IRT14Z-T
ELE
13”
(6k pcs.)
8 Ld 2x3 TDFN L8.2x3A
ISL97634IRT14Z-TK ELE
13”
(1k pcs.)
8 Ld 2x3 TDFN L8.2x3A
ISL97634IRT18Z-T
ELF
13”
(6k pcs.)
8 Ld 2x3 TDFN L8.2x3A
ISL97634IRT18Z-TK ELF
13”
(1k pcs.)
8 Ld 2x3 TDFN L8.2x3A
ISL97634IRT26Z-T
ELG
13”
(6k pcs.)
8 Ld 2x3 TDFN L8.2x3A
ISL97634IRT26Z-TK ELG
13”
(1k pcs.)
8 Ld 2x3 TDFN L8.2x3A
NOTE: Intersil Pb-free plus anneal products employ special Pb-free
material sets; molding compounds/die attach materials and 100% matte
tin plate termination finish, which are RoHS compliant and compatible
with both SnPb and Pb-free soldering operations. Intersil Pb-free
products are MSL classified at Pb-free peak reflow temperatures that
meet or exceed the Pb-free requirements of IPC/JEDEC J STD-020.
Data Sheet
April 10, 2007


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn