Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN5611 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part No. FAN5611
Description  Low-Dropout LED Drivers for White, Blue, or any Color LED
Download  14 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN5611 Datasheet(HTML) 4 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN5611/FAN5612/FAN5613/FAN5614 Rev. 1.0.9
4
Absolute Maximum Ratings
The “Absolute Maximum Ratings” are those values beyond which the safety of the device cannot be guaranteed. The
device should not be operated at these limits. The parametric values defined in the Electrical Characteristics tables are
not guaranteed at the absolute maximum ratings. The “Recommended Operating Conditions” table defines the condi-
tions for actual device operation.
Table 3. Absolute Maximum Ratings
Recommended Operating Conditions
Table 4. Recommended Operating Conditions
Notes:
2. Using Mil Std. 883E, method 3015.7 (Human Body Model) and EIA/JESD22C101-A (Charge Device Model).
Parameter
Min.
Max.
Unit
VI1, VI2, VI3, VI4 and ENABLE Voltage to GND
-0.3
6.0
V
CTRL Voltage to GND
-0.3
3.0
Power Dissipated by package at TA = 85°C
6-Lead SC70
190
mW
6, 8-Lead MLP
700
I1, I2, I3, I4 Steady State Current
FAN5611/12/13
40
mA
I1/I2, I3/I4 Steady State Current
FAN5614
80
Lead Temperature (Soldering 10 seconds)
300
°C
Junction Temperature
150
°C
Storage Temperature
-55
150
°C
Electrostatic Discharge Protection (ESD) Level (1)
HBM
4
kV
CDM
1
Parameter
Min.
Typ.
Max.
Unit
LED Cathode Voltage
FAN5611, FAN5612, FAN5613
0.3
0.5
1.0
V
FAN5614
0.15
Ambient Temperature
-40
25
85
°C


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn