Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NE5561N Datasheet(PDF) 5 Page - NXP Semiconductors

Part # NE5561N
Description  Switched-mode power supply control circuit
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE5561N Datasheet(HTML) 5 Page - NXP Semiconductors

  NE5561N Datasheet HTML 1Page - NXP Semiconductors NE5561N Datasheet HTML 2Page - NXP Semiconductors NE5561N Datasheet HTML 3Page - NXP Semiconductors NE5561N Datasheet HTML 4Page - NXP Semiconductors NE5561N Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Philips Semiconductors
Product specification
NE/SE5561
Switched-mode power supply control circuit
1994 Aug 31
5
R
VCC +
V
S *
V
CC
(10 20mA)
NOTE:
See DC Electrical Characteristics for Current Fed VCC Range.
NE5561 Voltage-Current-Fed
Supply Characteristics
Current-Fed Dropping Resistor
VS
RVCC
VCC
GND
1
8
mA
20
10
0
0
10
20
30
V
SL00387
Figure 4. NE5561 Voltage-Current-Fed Supply Characteristics
NE5561 START-UP
The start-up, or initial turn-on, of this device requires some degree of
external protective duty cycle limiting to prevent the duty cycle from
initially going to the extreme maximum (
δ>90%). Either overcurrent
limit or slow-start circuitry must be employed to limit duty cycle to a
safe value during start-up. Both may be used, if desired.
To implement slow-start, the start-up circuit can be used. The divider
R1 and R2 sets a voltage, buffered by Q1, such that the output of
the error amplifier is clamped to a maximum output voltage, thereby
limiting the maximum duty cycle. The addition of capacitor C will
cause this voltage to ramp-up slowly when power is applied, causing
the duty cycle to ramp-up simultaneously.
Overcurrent limit may be used also. To limit duty cycle in this mode,
the switch current is monitored at Pin 6 and the output of the 5561 is
disabled on a cycle-by-cycle basis when current reaches the
programmed limit. With current limit control of slow-start, the duty
cycle is limited to that value, just allowing maximum switch current
to flow. (Approximately 0.50V measured at Pin 6.)
APPLICATIONS
5V, 0.5A Buck Regulator Operates from 15V
The converter design shows how simple it is to derive a TTL supply
from a system supply of 15V (see Figure 1). The NE5561 drives a
2N4920 PNP transistor directly to provide switching current to the
inductor.
Overall line regulation is excellent and covers a range of 12V to 18V
with minimal change (<10mV) in the output operating at full load.
As with all NE5561 circuits, the auxiliary slow start and
δMAX circuit
is required, as evidenced by Q1. The
δMAX limit may be calculated
by using the relationship:
R2
R1
) R2
(8.2V)
+
V
d
MAX
The maximum duty cycle is then determined from the pulse-width
modulator transfer graph, with R1 and R2 being defined from the
desired conditions.


Similar Part No. - NE5561N

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NE5561N ETC2-NE5561N Datasheet
2Mb / 41P
   LINEAR INTEGRATED CIRCUITS
More results

Similar Description - NE5561N

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NE5562 PHILIPS-NE5562 Datasheet
299Kb / 29P
   Switched-mode power supply control circuit
1994 Aug 31
logo
Seme LAB
IP1060A SEME-LAB-IP1060A Datasheet
27Kb / 3P
   SWITCHED MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5560 PHILIPS-NE5560 Datasheet
240Kb / 16P
   Switched-mode power supply control circuit
1994 Aug 31
logo
NTE Electronics
NTE7002 NTE-NTE7002 Datasheet
29Kb / 4P
   Integrated Circuit Switched Mode Power Supply Control
logo
NXP Semiconductors
TEA1039 PHILIPS-TEA1039 Datasheet
155Kb / 16P
   Control circuit for switched-mode power supply
August 1982
TDA8380A PHILIPS-TDA8380A Datasheet
158Kb / 20P
   Control circuit for switched mode power supplies
November 1993
logo
NTE Electronics
NTE7117 NTE-NTE7117 Datasheet
22Kb / 2P
   Integrated Circuit Switched-Mode Power Supply Controller
logo
List of Unclassifed Man...
UAA4006A ETC1-UAA4006A Datasheet
396Kb / 8P
   SWITCH MODE POWER SUPPLY CONTROL CIRCUIT
logo
NXP Semiconductors
NE5568 PHILIPS-NE5568 Datasheet
23Kb / 2P
   Switched-mode power supply controller
1994 Aug 31
logo
International Rectifier
IR4007K IRF-IR4007K Datasheet
32Kb / 5P
   Switched Mode Power Supply IC
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com