Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM258N Datasheet(PDF) 2 Page - NXP Semiconductors

Part # LM258N
Description  Low power dual operational amplifi
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

LM258N Datasheet(HTML) 2 Page - NXP Semiconductors

  LM258N Datasheet HTML 1Page - NXP Semiconductors LM258N Datasheet HTML 2Page - NXP Semiconductors LM258N Datasheet HTML 3Page - NXP Semiconductors LM258N Datasheet HTML 4Page - NXP Semiconductors LM258N Datasheet HTML 5Page - NXP Semiconductors LM258N Datasheet HTML 6Page - NXP Semiconductors LM258N Datasheet HTML 7Page - NXP Semiconductors LM258N Datasheet HTML 8Page - NXP Semiconductors LM258N Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Philips Semiconductors
Product data
NE/SA/SE532/
LM258/358/A/2904
Low power dual operational amplifiers
2
2002 Jul 12
853-1241 28616
DESCRIPTION
The 532/358/LM2904 consists of two independent, high gain,
internally frequency-compensated operational amplifiers internally
frequency-compensated operational amplifiers designed specifically
to operate from a single power supply over a wide range of voltages.
Operation from dual power supplies is also possible, and the low
power supply current drain is independent of the magnitude of the
power supply voltage.
UNIQUE FEATURES
In the linear mode the input common-mode voltage range includes
ground and the output voltage can also swing to includes ground
and the output voltage can also swing to ground, even though
operated from only a single power supply voltage. The unity gain
cross frequency is temperature-compensated. The input bias current
is also temperature-compensated.
FEATURES
Internally frequency-compensated for unity gain
Large DC voltage gain: 100 dB
Wide bandwidth (unity gain): 1 MHz (temperature-compensated)
Wide power supply range single supply: 3 V
DC to 30 VDC,
or dual supplies:
±1.5 VDC to ±15 VDC
Very low supply current drain (400 µA)—essentially independent
of supply voltage (1 mW/op amp at +5 VDC)
Low input biasing current: 45 nA
DC temperature-compensated
Low input offset voltage: 2 mV
DC, and offset current: 5nADC
Differential input voltage range equal to the power supply voltage
Large output voltage: 0 V
DC to V+ 1.5 VDC swing
PIN CONFIGURATION
1
2
3
45
6
7
8
–+
+ –
AB
V+
OUTPUT B
INVERTING INPUT B
NON INVERTING INPUT B
OUTPUT A
INVERTING INPUT A
NON INVERTING INPUT A
V–
D, DP, and N Packages
SL00282
Figure 1. Pin configuration.
EQUIVALENT CIRCUIT
V+
6
µA
100
µA
Q2
Q3
Q1
Q4
INPUTS
+
Q8
Q9
CC
Q10
6
µA
Q5
Q7
Q6
RSC
OUTPUT
Q13
Q12
Q11
50
µA
SL00283
Figure 2. Equivalent circuit.


Similar Part No. - LM258N

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM258N MOTOROLA-LM258N Datasheet
160Kb / 8P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
logo
ON Semiconductor
LM258N ONSEMI-LM258N Datasheet
160Kb / 16P
   DUAL DIFFERENTIAL INPUT OPERATIONAL AMPLIFIERS
August, 2002 ??Rev. 11
logo
STMicroelectronics
LM258N STMICROELECTRONICS-LM258N Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Fairchild Semiconductor
LM258N FAIRCHILD-LM258N Datasheet
137Kb / 12P
   Dual Operational Amplifier
logo
STMicroelectronics
LM258N STMICROELECTRONICS-LM258N Datasheet
271Kb / 16P
   Low Power Dual Operational Amplifiers
More results

Similar Description - LM258N

ManufacturerPart #DatasheetDescription
logo
Linear Technology
RH1814 LINER-RH1814_15 Datasheet
130Kb / 2P
   Dual 3mA, 100MHz, 750V/s Operational Amplifi er
LTC2054 LINER-LTC2054_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LTC2055 LINER-LTC2055_15 Datasheet
213Kb / 16P
   Single/Dual Micropower Zero-Drift Operational Amplifi ers
LT1818 LINER-LT1818_15 Datasheet
1Mb / 18P
   400MHz, 2500V/s, 9mA Single/Dual Operational Amplifi ers
logo
Texas Instruments
TL022C TI-TL022C Datasheet
87Kb / 5P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
National Semiconductor ...
LM158 NSC-LM158 Datasheet
276Kb / 16P
   Low Power Dual Operational Amplifiers
LM158 NSC-LM158 Datasheet
1,009Kb / 25P
   Low Power Dual Operational Amplifiers
logo
STMicroelectronics
LM158 STMICROELECTRONICS-LM158 Datasheet
264Kb / 12P
   LOW POWER DUAL OPERATIONAL AMPLIFIERS
July 2003
logo
Texas Instruments
TL022C TI1-TL022C_14 Datasheet
686Kb / 15P
[Old version datasheet]   DUAL LOW-POWER OPERATIONAL AMPLIFIERS
logo
STMicroelectronics
LM2904AH STMICROELECTRONICS-LM2904AH Datasheet
999Kb / 19P
   Low-power, dual operational amplifier
November 2015 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com