Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5240 Datasheet(PDF) 8 Page - Fairchild Semiconductor

Part # FAN5240
Description  Multi-Phase PWM Controller for AMD Mobile Athlon and Duron
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5240 Datasheet(HTML) 8 Page - Fairchild Semiconductor

Back Button FAN5240_06 Datasheet HTML 4Page - Fairchild Semiconductor FAN5240_06 Datasheet HTML 5Page - Fairchild Semiconductor FAN5240_06 Datasheet HTML 6Page - Fairchild Semiconductor FAN5240_06 Datasheet HTML 7Page - Fairchild Semiconductor FAN5240_06 Datasheet HTML 8Page - Fairchild Semiconductor FAN5240_06 Datasheet HTML 9Page - Fairchild Semiconductor FAN5240_06 Datasheet HTML 10Page - Fairchild Semiconductor FAN5240_06 Datasheet HTML 11Page - Fairchild Semiconductor FAN5240_06 Datasheet HTML 12Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
8
www.fairchildsemi.com
FAN5240 Rev. 1.2.0
Initialization, Soft Start and PGOOD
Assuming EN is high, FAN5240 is initialized when power
is applied on VCC. Should VCC drop below the UVLO
threshold, an internal Power-On Reset function disables
the chip.
The IC attempts to regulate the VCORE output accord-
ing to the voltage that appears on the SS pin (VSS). Dur-
ing start-up of the converter, this voltage is initially 0, and
rises linearly to 90% of the VID programmed voltage via
the current supplied to CSS by the 25µA internal current
source. The time it takes to reach this threshold is:
where T90% is in seconds if CSS is in µF.
At that point, the current source changes to 500
µA,
which establishes the slew rate of voltage changes at the
output in response to changes in VID.
This dual slope approach helps to provide safe rise of
voltages and currents in the converters during initial
start-up and at the same time sets a controlled speed of
the core voltage change when the processor commands
to do so.
Figure 3. Soft-Start function
CSS typically is chosen based on the slew rate desired in
response to a VID change. For example, if the spec
requires a 500mV step to occur in 100
µS:
Assuming VID is set to 1.5V, with this value of CSS, the
time for the output voltage to rise to 0.9 of VVID is found
using equation 1:
The transition from 90% VID to 100% VID occupies 0.5%
of the total soft-start time, so TSS is essentially T90%.
The PGOOD delay (TDLY, Figure 3) can be programmed
with a capacitor to GND on pin 16 (CDELAY):
For 12mS of TDLY, CDELAY = 22nF.
CDELAY is typically chosen to provide 1mS of “blanking”
for the over-current shut-down (see Over-Current Sens-
ing, on page 12).
The following conditions set the PGOOD pin low:
1.
Under-voltage – VCORE is below a fixed voltage.
2.
Chip shut-down due to over-temperature or
over-current as defined below.
Converter Operation (see Figure 2)
At nominal current the converter operates in fixed fre-
quency PWM mode. The output voltage is compared
with a reference voltage set by the DAC, which appears
on the SS pin. The derived error signal is amplified by an
internally compensated error amplifier and applied to the
inverting input of the PWM comparator. To provide output
voltage droop for enhanced dynamic load regulation, a
signal proportional to the output current is added to the
voltage feedback signal at the + input of A1. Since the
processor specifies a +100mV/-50mV tolerance on
VCORE, a fixed positive offset of 30mV is created with a
30
µA current source and external 1K resistor. Phase
load balancing is accomplished by adding a signal pro-
portional to the difference of the two phase currents
before the error amplifier (at nodes A and B). This feed-
back scheme in conjunction with a PWM ramp propor-
tional to the input voltage allows for fast and stable loop
response over a wide range of input voltage and output
current variations. For the sake of efficiency and maxi-
mum simplicity, the current sense signal is derived from
the voltage drop across the lower MOSFET during its
conduction time. This current sense signal is used to set
droop levels as well as for phase balancing and current
limiting.
The PWM controller has a built-in duty cycle clamp in the
path from the error amplifier to the PWM comparator.
During a severe load step, the output signal from the
error amp can go to its rail, pushing the duty cycle to
almost 100% for a significant amount of time. This could
cause a severe rise in the inductor current, especially at
high battery voltage, and lead to a long recovery time or
even failure of the converter. To prevent this, the output
of the error amplifier is clamped to a fixed value after two
clock cycles if a large output voltage excursion is
detected. Sensitivity of this circuit is set in such a way as
not to affect the PWM control during transients normally
expected from the load.
T
90%
0.9
V
VID
×
C
SS
×
25
--------------------------------------------
=
(1)
EN
SS
PGOOD
1.5V
TDLY
1.35V
C
SS
I
SS
∆V
DAC
------------------
∆t
500
µA
500mV
-------------------

 100µS 0.1µF
==
=
(2)
T
90%
1.35V
0.1
×
25
------------------------------
5.4mS
==
C
DELAY in nF
()
1.8
TDLY in mS
()
×
=
(3)


Similar Part No. - FAN5240_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240MTC FAIRCHILD-FAN5240MTC Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
FAN5240MTCX FAIRCHILD-FAN5240MTCX Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
FAN5240QSC FAIRCHILD-FAN5240QSC Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
FAN5240QSCX FAIRCHILD-FAN5240QSCX Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
More results

Similar Description - FAN5240_06

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5240 FAIRCHILD-FAN5240 Datasheet
447Kb / 19P
   Multi-Phase PWM Controller for AMD Mobile Athlon TM and Duron TM
logo
Microsemi Corporation
LX1676 MICROSEMI-LX1676_05 Datasheet
323Kb / 16P
   Mobile AMD Athlon??VRM Controller
logo
Cypress Semiconductor
CY28372 CYPRESS-CY28372 Datasheet
283Kb / 18P
   SiS 746 AMD Athlon/AMD Duron Clock Synthesizer
logo
SpectraLinear Inc
CY28372 SPECTRALINEAR-CY28372 Datasheet
227Kb / 17P
   SiS 746 AMD Athlon??AMD Duron??Clock Synthesizer
logo
Intersil Corporation
ISL6264 INTERSIL-ISL6264 Datasheet
433Kb / 24P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Renesas Technology Corp
ISL6264 RENESAS-ISL6264 Datasheet
1Mb / 23P
   Two-Phase Core Controller for AMD Mobile Turion CPUs
logo
Maxim Integrated Produc...
MAX8760 MAXIM-MAX8760 Datasheet
845Kb / 39P
   Dual-Phase, Quick-PWM Controller for AMD Mobile Turion 64 CPU Core Power Supplies
Rev 0; 5/05
logo
Renesas Technology Corp
ISL6244 RENESAS-ISL6244 Datasheet
1Mb / 25P
   Multi-Phase PWM Controller
ISL6559 RENESAS-ISL6559 Datasheet
1Mb / 21P
   Multi-Phase PWM Controller
logo
Intersil Corporation
ISL6569 INTERSIL-ISL6569 Datasheet
497Kb / 22P
   Multi-Phase PWM Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com