Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN5236 Datasheet(PDF) 10 Page - Fairchild Semiconductor

Part # FAN5236
Description  Dual Mobile-Friendly DDR / Dual-output PWM Controller
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN5236 Datasheet(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN5236 Datasheet HTML 6Page - Fairchild Semiconductor FAN5236 Datasheet HTML 7Page - Fairchild Semiconductor FAN5236 Datasheet HTML 8Page - Fairchild Semiconductor FAN5236 Datasheet HTML 9Page - Fairchild Semiconductor FAN5236 Datasheet HTML 10Page - Fairchild Semiconductor FAN5236 Datasheet HTML 11Page - Fairchild Semiconductor FAN5236 Datasheet HTML 12Page - Fairchild Semiconductor FAN5236 Datasheet HTML 13Page - Fairchild Semiconductor FAN5236 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
PRODUCT SPECIFICATION
FAN5236
10
REV. 1.1.9 7/12/04
Figure 8. Noise-susceptible In-Phase operation for DDR2
These problems are nicely solved by delaying the 2nd con-
verter’s clock by 90° as shown in Figure 9. In this way, all
switching transitions in one converter take place far away
from the decision points of the other converter.
Figure 9. Optimal 90° phasing for DDR2
Initialization and Soft Start
Assuming EN is high, FAN5236 is initialized when VCC
exceeds the rising UVLO threshold. Should VCC drop
below the UVLO threshold, an internal Power-On Reset
function disables the chip.
The voltage at the positive input of the error amplifier is lim-
ited by the voltage at the SS pin which is charged with a 5
µA
current source. Once CSS has charged to VREF (0.9V) the
output voltage will be in regulation. The time it takes SS to
reach 0.9V is:
where T0.9 is in seconds if CSS is in µF.
When SS reaches 1.5V, the Power Good outputs are enabled
and hysteretic mode is allowed. The converter is forced into
PWM mode during soft start.
Operation Mode Control
The mode-control circuit changes the converter’s mode of
operation from PWM to Hysteretic and visa versa, based on
the voltage polarity of the SW node when the lower MOS-
FET is conducting and just before the upper MOSFET turns
on. For continuous inductor current, the SW node is negative
when the lower MOSFET is conducting and the converters
operate in fixed-frequency PWM mode as shown in Figure
10. This mode of operation achieves high efficiency at nomi-
nal load. When the load current decreases to the point where
the inductor current flows through the lower MOSFET in the
‘reverse’ direction, the SW node becomes positive, and the
mode is changed to hysteretic, which achieves higher effi-
ciency at low currents by decreasing the effective switching
frequency.
To prevent accidental mode change or "mode chatter" the
transition from PWM to Hysteretic mode occurs when the
SW node is positive for eight consecutive clock cycles (see
Figure 10). The polarity of the SW node is sampled at the
end of the lower MOSFET’s conduction time. At the transi-
tion between PWM and hysteretic mode both the upper and
lower MOSFETs are turned off. The phase node will ‘ring’
based on the output inductor and the parasitic capacitance on
the phase node and settle out at the value of the output volt-
age.
The boundary value of inductor current, where current
becomes discontinuous, can be estimated by the following
expression.
VDDQ
VTT
CLK
VDDQ
VTT
CLK
T
0.9
0.9
C
SS
×
5
-----------------------
=
(1)
I
LOAD DIS
()
V
IN
V
OUT
()V
OUT
2F
SWLOUTVIN
--------------------------------------------------
=
(2)
Figure 10. Transitioning between PWM and Hysteretic Mode
PWM Mode
Hysteretic Mode
y
Hysteretic Mode
y
PWM Mode
ste
e
e
12
3
4
56
7
8
V
CORE
V
V
I
L
0
V
CORE
V
V
I
L 0
ys
de
1
Hyy
2
3
4
5
67
8


Similar Part No. - FAN5236

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
FAN5236 FAIRCHILD-FAN5236 Datasheet
333Kb / 4P
   Power Conversion for the Data Communications Market
FAN5236 FAIRCHILD-FAN5236 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236MTC FAIRCHILD-FAN5236MTC Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
More results

Similar Description - FAN5236

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236_10 Datasheet
501Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
logo
ON Semiconductor
FAN5236 ONSEMI-FAN5236 Datasheet
453Kb / 19P
   Dual Mobile-Friendly DDR / Dual-Output PWM Controller
Nov ember-2017, Rev. 2
logo
Fairchild Semiconductor
FAN5236 FAIRCHILD-FAN5236 Datasheet
199Kb / 20P
   Dual Mobile-Friendly DDR / Dual-output PWM Controller
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227 Datasheet
897Kb / 26P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Renesas Technology Corp
ISL6227 RENESAS-ISL6227 Datasheet
1Mb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Intersil Corporation
ISL6227 INTERSIL-ISL6227_07 Datasheet
861Kb / 28P
   Dual Mobile-Friendly PWM Controller with DDR Option
ISL6227 INTERSIL-ISL6227 Datasheet
840Kb / 27P
   Dual Mobile-Friendly PWM Controller with DDR Option
logo
Anpec Electronics Corop...
APW7108 ANPEC-APW7108 Datasheet
746Kb / 28P
   Dual Mobile-Friendly PWM Controller
logo
Intersil Corporation
ISL6225 INTERSIL-ISL6225 Datasheet
522Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
logo
Renesas Technology Corp
ISL6225 RENESAS-ISL6225 Datasheet
851Kb / 19P
   Dual Mobile-Friendly PWM Controller with DDR Memory Option
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com