Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL55007 Datasheet(PDF) 3 Page - Intersil Corporation

Part # ISL55007
Description  MMIC Silicon Bipolar Broadband Amplifier
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL55007 Datasheet(HTML) 3 Page - Intersil Corporation

  ISL55007 Datasheet HTML 1Page - Intersil Corporation ISL55007 Datasheet HTML 2Page - Intersil Corporation ISL55007 Datasheet HTML 3Page - Intersil Corporation ISL55007 Datasheet HTML 4Page - Intersil Corporation ISL55007 Datasheet HTML 5Page - Intersil Corporation ISL55007 Datasheet HTML 6Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
ISL55007
3
FN6214.0
May 22, 2006
Typical Performance Curves Zsrc = 75Ω, Zload = 75Ω
FIGURE 1. INPUT RETURN LOSS vs FREQUENCY
FIGURE 2. OUTPUT RETURN LOSS vs FREQUENCY
0.5
1.0
1.5
2.0
2.5
3.0
20
16
12
8
4
0
FREQUENCY (G Hz)
0.5
1.0
1.5
2.0
2.5
3.0
20
16
12
8
4
0
FREQUENCY (GHz)
Typical Performance Curves 50Ω environment
FIGURE 3. |S21| vs FREQUENCY
FIGURE 4. |S11| vs FREQUENCY
FIGURE 5. |S12| vs FREQUENCY
FIGURE 6. |S22| vs FREQUENCY
0.5
1.0
1.5
2.0
2.5
3.0
18.0
16.8
15.6
14.4
13.2
12.0
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
-6.0
-6.8
-7.6
-8.4
-9.2
-10.0
FR EQ UEN CY (G Hz)
0.5
1.0
1.5
2.0
2.5
3.0
-20.0
-20.8
-21.6
-22.4
-23.2
-24.0
FREQUENCY (GHz)
0.5
1.0
1.5
2.0
2.5
3.0
-7.0
-7.6
-8.2
-8.8
-9.4
-10.0
FREQUENCY (GHz)


Similar Part No. - ISL55007

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55007IEZ-T7 RENESAS-ISL55007IEZ-T7 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results

Similar Description - ISL55007

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL55012 INTERSIL-ISL55012_07 Datasheet
272Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55007 RENESAS-ISL55007 Datasheet
344Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 RENESAS-ISL55011 Datasheet
337Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Intersil Corporation
ISL55012IEZ-T7 INTERSIL-ISL55012IEZ-T7 Datasheet
362Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
August 25, 2010
ISL55014IEZ-T7 INTERSIL-ISL55014IEZ-T7 Datasheet
262Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
February 13, 2007
ISL55005 INTERSIL-ISL55005 Datasheet
145Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55010 INTERSIL-ISL55010 Datasheet
138Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55009 INTERSIL-ISL55009 Datasheet
147Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
ISL55011 INTERSIL-ISL55011 Datasheet
137Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
logo
Renesas Technology Corp
ISL55010 RENESAS-ISL55010 Datasheet
338Kb / 6P
   MMIC Silicon Bipolar Broadband Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com