Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN2011 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FAN2011
Description  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN2011 Datasheet(HTML) 6 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
www.fairchildsemi.com
FAN2011/FAN2012 Rev. 1.0.4
Typical Performance Characteristics (Continued)
TA = 25°C, CIN = 10µF, COUT = 40µF, L = 3.3µH, VIN = 5V, unless otherwise noted.
Start-up Response
Time (50
µs/div)
Inductor
(200mA/div)
SW Node
(5V/div)
Output
(500mV/div)
VOUT = 1.2V
IOUT = 100mA
Voltage
Voltage
Current
Input
(5V/div)
Voltage
100mA
Start-up Response
Time (100
µs/div)
Inductor
(200mA/div)
SW Node
(5V/div)
VOUT = 3.3V
IOUT = 100mA
Voltage
Current
Input
(5V/div)
Voltage
Start-up Response
Time (100
µs/div)
Inductor
(500mA/div)
SW Node
(5V/div)
Output
(500mV/div)
VOUT = 1.2V
IOUT = 1500mA
Voltage
Voltage
Current
Input
(5V/div)
Voltage
Start-up Response
Time (100
µs/div)
Inductor
(500mA/div)
SW Node
(5V/div)
VOUT = 3.3V
IOUT = 1500mA
Voltage
Current
Input
(5V/div)
Voltage
Output
(1V/div)
Voltage
Transient Response
Time (5
µs/div)
Inductor
(200mA/div)
SW Node
(5V/div)
Voltage
Current
Load
Current
Output
(20mV/div)
Voltage
VOUT = 1.2V
Transient Response
Time (5
µs/div)
Inductor
(200mA/div)
SW Node
(5V/div)
Voltage
Current
Load
Current
Output
(20mV/div)
Voltage
Output
(1V/div)
Voltage
700mA
700mA
100mA
VOUT = 1.2V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn