Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FAN2011 Datasheet(PDF) 5 Page - Fairchild Semiconductor

Part No. FAN2011
Description  1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FAN2011 Datasheet(HTML) 5 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
5
www.fairchildsemi.com
FAN2011/FAN2012 Rev. 1.0.4
Typical Performance Characteristics
TA = 25°C, CIN = 10µF, COUT = 40µF, L = 3.3µH, VIN = 5V, unless otherwise noted.
10
100
1000
10000
30
40
50
60
70
80
90
100
-40
-20
0
20
4060
80
100
120
1.194
1.196
1.198
1.200
1.202
1.204
1.206
1.208
1.210
1.212
1.214
Temp (
∞C) vs Vout@0 mA
Temp (
∞C) vs Vout@100mA
Temp (
∞C) vs Vout@ 500 mA
Temp (
∞C) vs Vout@1000 mA
Temp (
∞C) vs Vout@1500 mA
Output Voltage vs. Ambient Temperature
Ambient Temperature (°C)
020
4060
80
100
120
1230
1235
1240
1245
1250
1255
1260
Ambient Temperature (°C)
Switching Frequency vs. Ambient Temperature
Load Current (mA)
Efficiency vs. Load Current
VIN = 5.5V
VIN = 4.5V
VIN = 5V
VOUT = 3.3V
VOUT = 1.2V


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn