Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FAN1589MCX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN1589MCX
Description  2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN1589MCX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN1589MCX Datasheet HTML 1Page - Fairchild Semiconductor FAN1589MCX Datasheet HTML 2Page - Fairchild Semiconductor FAN1589MCX Datasheet HTML 3Page - Fairchild Semiconductor FAN1589MCX Datasheet HTML 4Page - Fairchild Semiconductor FAN1589MCX Datasheet HTML 5Page - Fairchild Semiconductor FAN1589MCX Datasheet HTML 6Page - Fairchild Semiconductor FAN1589MCX Datasheet HTML 7Page - Fairchild Semiconductor FAN1589MCX Datasheet HTML 8Page - Fairchild Semiconductor FAN1589MCX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
FAN1589
PRODUCT SPECIFICATION
2
REV. 1.0.5 11/10/03
Pin Assignments
*With package soldered to 0.5 square inch copper area over backside ground plane or internal power plane,
ΘJA can vary from
30°C/W to more than 40°C/W. Other mounting techniques can provide a thermal resistance lower than 30°C/W.
Absolute Maximum Ratings
Parameter
Min.
Max.
Unit
VIN
7V
Operating Junction Temperature Range
0
125
°C
Storage Temperature Range
-65
150
°C
Lead Temperature (Soldering, 10 sec.)
300
°C
3-Lead Plastic TO-220
θJC = 3°C/W
3-Lead Plastic TO-263
θJC = 3°C/W*
GND OUT
OUT
FRONT VIEW
IN
12
3
GND OUT
FRONT VIEW
FAN1589M
FAN1589T
IN
12
3
3-Lead Plastic TO-263 Center Cut
θJC = 3°C/W*
Tab is OUT
Tab is OUT
Tab is OUT
Tab is OUT
GND
FRONT VIEW
FAN1589MC
IN
12
3
3-Lead Plastic TO-252
θJC = 3°C/W*
GND
FRONT VIEW
FAN1589D
IN
12
3


Similar Part No. - FAN1589MCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
   2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
More results

Similar Description - FAN1589MCX

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FAN1589 FAIRCHILD-FAN1589 Datasheet
82Kb / 12P
   2.7A, 1.2V Low Dropout Linear Regulator for VRM8.5
FAN1112SX FAIRCHILD-FAN1112SX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112 FAIRCHILD-FAN1112 Datasheet
39Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
FAN1112DX FAIRCHILD-FAN1112DX Datasheet
44Kb / 8P
   1A 1.2V Low Dropout Linear Regulator
logo
HTC Korea TAEJIN Techno...
LM1589 HTC-LM1589 Datasheet
147Kb / 4P
   2.7A, 1.2V L.D.O. VOLTAGE REGULATOR
logo
uPI Group Inc.
UP0115P UPI-UP0115P Datasheet
1Mb / 11P
   Controller for Low-Dropout Linear Regulator
logo
Shenzhen Huazhimei Semi...
AMS1117 HMSEMI-AMS1117 Datasheet
675Kb / 10P
   low-dropout linear regulator.
logo
BCD Semiconductor Manuf...
AZ1117B BCDSEMI-AZ1117B_V01 Datasheet
527Kb / 23P
   LOW DROPOUT LINEAR REGULATOR
Jul. 2009 Rev. 1. 8
logo
Texas Instruments
TPS71525-DIE TI1-TPS71525-DIE Datasheet
62Kb / 4P
[Old version datasheet]   LOW-DROPOUT LINEAR REGULATOR
logo
Ceramate Technical
CP1117 CERAMATE-CP1117 Datasheet
444Kb / 12P
   Low Dropout Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com