Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL24011IVZ-T Datasheet(PDF) 5 Page - Intersil Corporation

Part # ISL24011IVZ-T
Description  High Voltage TFT-LCD Logic Driver
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL24011IVZ-T Datasheet(HTML) 5 Page - Intersil Corporation

  ISL24011IVZ-T Datasheet HTML 1Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 2Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 3Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 4Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 5Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 6Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 7Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 8Page - Intersil Corporation ISL24011IVZ-T Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FN6196.2
March 28, 2006
Typical Performance Curves TA = 25°C, Output load parallel RC (RL = 5kΩ, CL = 4700pF) unless otherwise specified.
FIGURE 1. SUPPLY CURRENT vs FREQUENCY 1 CHANNEL
TOGGLING
FIGURE 2. SUPPLY CURRENT vs FREQUENCY
4 CHANNELS TOGGLING
FIGURE 3. SUPPLY CURRENT vs FREQUENCY
6 CHANNELS TOGGLING
FIGURE 4. SUPPLY CURRENT vs FREQUENCY
8 CHANNELS TOGGLING
FIGURE 5. RISE TIME, FALL TIME AND PROP DELAY vs
VON1 & VON2 VOLTAGE WITH VOFF = -5V
FIGURE 6. RISE TIME, FALL TIME AND PROP DELAY vs
VON1 & VON2 VOLTAGE WITH VOFF = -20V
25.0
22.5
20.0
17.5
15.0
12.5
10.0
7.5
5.0
2.5
0.0
10 15 20 25 30 35 40 45 50 55 60 65 70 75
FREQUENCY (kHz)
VON1 & VON2 = 22V
VOFF = -5V
INPUT 50% DUTY CYCLE
VOFF
VON1
VON2
60.0
54.0
48.0
42.0
36.0
30.0
24.0
18.0
12.0
6.0
0.0
10 15 20 25 30 35 40 45 50 55 60 65 70 75
FREQUENCY (kHz)
VON1 & VON2 = 22V
VOFF = -5V
INPUT 50% DUTY CYCLE
VON1
VOFF
VON2
80.0
72.0
64.0
56.0
48.0
40.0
32.0
24.0
16.0
8.0
0.0
10
15
20
25
30
35
40
45
50
55
60
65
70
75
FREQUENCY (kHz)
VON1 & VON2 = 22V
VOFF = -5V
INPUT 50% DUTY CYCLE
VON1
VOFF
VON2
100.0
90.0
80.0
70.5
60.0
50.0
40.0
30.0
20.0
10.0
0.0
10 15 20 25 30 35 40 45 50 55 60 65 70 75
FREQUENCY (kHz)
VON1 & VON2 = 22V
VOFF = -5V
INPUT 50% DUTY CYCLE
VON1
VOFF
VON2
500
450
400
350
300
250
200
150
100
50
0
10
12
15
17
19
22
24
26
28
31
33
35
38
40
VON1 & VON2 (V)
VON1 & VON2 = 10-40V
VOFF = -5V
50kHz 10% DUTY CYCLE
FALL TIME
RISE TIME
PROP DELAY
500
450
400
350
300
250
200
150
100
50
0
10 12 15 17 19 22 24 26 28 31 33 35 38 40
VON1 & VON2 (V)
VON1 & VON2 = 10-40V
VOFF = -20V
50kHz 10% DUTY CYCLE
FALL TIME
RISE TIME
PROP DELAY
ISL24011


Similar Part No. - ISL24011IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24011IVZ-T INTERSIL-ISL24011IVZ-T Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011IVZ-T RENESAS-ISL24011IVZ-T Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
More results

Similar Description - ISL24011IVZ-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL24011 INTERSIL-ISL24011 Datasheet
284Kb / 9P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A_08 Datasheet
346Kb / 12P
   High Voltage TFT-LCD Logic Driver
EL5000A INTERSIL-EL5000A Datasheet
486Kb / 11P
   High Voltage TFT-LCD Logic Driver
ISL24010 INTERSIL-ISL24010 Datasheet
288Kb / 9P
   High Voltage TFT-LCD Logic Driver
logo
Renesas Technology Corp
ISL24011 RENESAS-ISL24011 Datasheet
539Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
March 28, 2006
ISL24010 RENESAS-ISL24010 Datasheet
501Kb / 9P
   Octal Voltage Level Shifter for TFT/LCD Panels High Voltage TFT-LCD Logic Driver
logo
Texas Instruments
TPS65191 TI1-TPS65191 Datasheet
2Mb / 27P
[Old version datasheet]   Triple High-Voltage Scan Driver for TFT-LCD
TPS65193 TI-TPS65193 Datasheet
1Mb / 25P
[Old version datasheet]   Dual High-Voltage Scan Driver for TFT-LCD
logo
List of Unclassifed Man...
NT3960 ETC1-NT3960 Datasheet
225Kb / 20P
   TFT LCD Source Driver
NT3967 ETC1-NT3967 Datasheet
97Kb / 11P
   TFT LCD Source Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com