Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

NE556 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # NE556
Description  Dual timer
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

NE556 Datasheet(HTML) 3 Page - NXP Semiconductors

  NE556 Datasheet HTML 1Page - NXP Semiconductors NE556 Datasheet HTML 2Page - NXP Semiconductors NE556 Datasheet HTML 3Page - NXP Semiconductors NE556 Datasheet HTML 4Page - NXP Semiconductors NE556 Datasheet HTML 5Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Philips Semiconductors Linear Products
Product specification
NE/SA/SE556/NE556-1
Dual timer
August 31, 1994
355
ELECTRICAL CHARACTERISTICS
TA=25°C, VCC=+5V to +15V, unless otherwise specified.
SYMBOL
PARAMETER
TEST CONDITIONS
SE556
NE/SA556
NE556-1
UNIT
SYMBOL
PARAMETER
TEST CONDITIONS
Min
Typ
Max
Min
Typ
Max
UNIT
VCC
Supply voltage
4.5
18
4.5
16
V
VCC=5V, RL=∞
6
10
6
12
mA
ICC
Supply current (low state)1
VCC=15V, RL=∞
20
24
20
30
mA
Timing error (monostable)
RA=2kΩ to 100kΩ
tM
Initial accuracy2
C=0.1
µF
0.5
2.0
0.75
3.0
%
∆tM/∆T
Drift with temperature
T=1.1 RC
30
100
50
150
ppm/
°C
∆tM/∆VS
Drift with supply voltage
0.05
0.2
0.1
0.5
%/V
Timing error (astable)
RA, RB=1kΩ to 100kΩ
tA
Initial accuracy2
C=0.
µF
4
6
5
13
%
∆tA/∆T
Drift with temperature
VCC=15V
400
500
400
500
ppm/
°C
∆tA/∆VS
Drift with supply voltage
0.15
0.6
0.3
1
%/V
VC
Control voltage level
VCC=15V
9.6
10.0
10.4
9.0
10.0
11.0
V
VC
Control voltage level
VCC=5V
2.9
3.33
3.8
2.6
3.33
4.0
V
Threshold voltage
VCC=15V
9.4
10.0
10.6
8.8
10.0
11.2
V
VTH
VCC=5V
2.7
3.33
4.0
2.4
3.33
4.2
V
ITH
Threshold current3
VCC = 15V, VTH = 10.5V
30
250
30
250
nA
Trigger voltage
VCC=15V
4.8
5.0
5.2
4.5
5.0
5.6
V
VTRIG
VCC=5V
1.45
1.67
1.9
1.1
1.67
2.2
V
ITRIG
Trigger current
VTRIG=0V
0.5
0.9
0.5
2.0
µA
VRESET
Reset voltage5
0.4
0.7
1.0
0.4
0.7
1.0
V
Reset current
VRESET=0.4V
0.4
0.1
0.4
0.4
0.1
0.6
mA
IRESET
Reset current
VRESET=0V
0.4
1.0
0.4
1.5
mA
VOL
Output voltage (low)
VCC=15V
V
VOL
Output voltage (low)
ISINK=10mA
0.1
0.15
0.1
0.25
V
VOL
ISINK=50mA
0.4
0.5
0.4
0.75
V
VOL
SE556
2.0
2.25
V
VOL
NE/SA556
ISINK=100mA
2.0
3.2
VOL
NE556-1
2.0
2.5
Output voltage (low)
ISINK=200mA
2.5
2.5
V
VCC=5V
V
ISINK=8mA
0.1
0.2
0.25
0.3
V
ISINK=5mA
0.05
0.15
0.15
0.25
VCC=15V
V
ISOURCE=200mA
12.5
12.5
V
VOH
Output voltage (high)
ISOURCE=100mA
13.0
13.3
12.75
13.3
V
VCC=5V
ISOURCE=100mA
3.0
3.3
2.75
3.3
tOFF
Turn-off time6
NE556-1
VRESET=VCC
0.5
2.0
0.5
µs
tR
Rise time of output
100
200
100
300
ns
tF
Fall time of output
100
200
100
300
ns
Discharge leakage current
20
100
20
100
nA


Similar Part No. - NE556

ManufacturerPart #DatasheetDescription
STMicroelectronics
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
641Kb / 8P
   GENERAL PURPOSE DUAL BIPOLAR TIMERS
Texas Instruments
Texas Instruments
NE556 TI-NE556 Datasheet
71Kb / 5P
[Old version datasheet]   DUAL PRECISION TIMERS
Fairchild Semiconductor
Fairchild Semiconductor
NE556 FAIRCHILD-NE556 Datasheet
44Kb / 8P
   Dual Timer
STMicroelectronics
STMicroelectronics
NE556 STMICROELECTRONICS-NE556 Datasheet
517Kb / 16P
   General-purpose dual bipolar timers
Texas Instruments
Texas Instruments
NE556 TI-NE556 Datasheet
755Kb / 19P
[Old version datasheet]   DUAL PRECISION TIMERS
More results

Similar Description - NE556

ManufacturerPart #DatasheetDescription
National Semiconductor (TI)
National Semiconductor ...
LM556 NSC-LM556 Datasheet
216Kb / 8P
   Dual Timer
Fairchild Semiconductor
Fairchild Semiconductor
KA556 FAIRCHILD-KA556 Datasheet
44Kb / 8P
   Dual Timer
Unisonic Technologies
Unisonic Technologies
LM556 UTC-LM556_15 Datasheet
170Kb / 4P
   DUAL TIMER
Texas Instruments
Texas Instruments
LM556 TI1-LM556_16 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
Fairchild Semiconductor
Fairchild Semiconductor
LM556 FAIRCHILD-LM556 Datasheet
44Kb / 8P
   Dual Timer
Mitsubishi Electric Semiconductor
Mitsubishi Electric Sem...
M51847P MITSUBISHI-M51847P Datasheet
153Kb / 4P
   DUAL TIMER
Texas Instruments
Texas Instruments
LM556 TI1-LM556 Datasheet
1Mb / 20P
[Old version datasheet]   Dual Timer
Unisonic Technologies
Unisonic Technologies
UTCNE556 UTC-UTCNE556 Datasheet
49Kb / 3P
   DUAL TIMER
UTCLM556 UTC-UTCLM556 Datasheet
49Kb / 3P
   DUAL TIMER
New Japan Radio
New Japan Radio
NJM556 NJRC-NJM556 Datasheet
200Kb / 5P
   DUAL TIMER
More results


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com