Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL8010IUZ Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL8010IUZ
Description  Monolithic 600mA Step-Down Regulator with Low Quiescent Current
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL8010IUZ Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL8010IUZ Datasheet HTML 2Page - Intersil Corporation ISL8010IUZ Datasheet HTML 3Page - Intersil Corporation ISL8010IUZ Datasheet HTML 4Page - Intersil Corporation ISL8010IUZ Datasheet HTML 5Page - Intersil Corporation ISL8010IUZ Datasheet HTML 6Page - Intersil Corporation ISL8010IUZ Datasheet HTML 7Page - Intersil Corporation ISL8010IUZ Datasheet HTML 8Page - Intersil Corporation ISL8010IUZ Datasheet HTML 9Page - Intersil Corporation ISL8010IUZ Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
6
FN6191.4
July 12, 2006
FIGURE 12. PFM STEADY-STATE OPERATION WAVEFORM
(IO = 100mA)
FIGURE 13. PWM STEADY-STATE OPERATION (IO = 600mA)
FIGURE 14. EXTERNAL SYNCHRONIZATION TO 2MHz
FIGURE 15. EXTERNAL SYNCHRONIZATION TO 12MHz
FIGURE 16. LOAD TRANSIENT RESPONSE (22mA TO 600mA)
FIGURE 17. PWM LOAD TRANSIENT RESPONSE
(30mA TO 600mA)
Performance Curves and Waveforms (Continued)
All waveforms are taken at VIN = 3.3V, VO = 1.8V, IO = 600mA with component values shown on page 1 at room ambient temperature, unless
otherwise noted.
LX
(2V/DIV)
IL
(0.5A/DIV)
2µs/DIV
∆VO
(50mV/DIV)
0.5µs/DIV
LX
(2V/DIV)
IL
(0.5A/DIV)
∆VO
(10mV/DIV)
SYNC
(2V/DIV)
LX
(2V/DIV)
0.2µs/DIV
IL
(0.5A/DIV)
20ns/DIV
SYNC
(2V/DIV)
LX
(2V/DIV)
IL
(0.5A/DIV)
100µs/DIV
IO
(200mA/DIV)
∆VO
(100mV/DIV)
50µs/DIV
IO
(200mA/DIV)
∆VO
(100mV/DIV)
ISL8010


Similar Part No. - ISL8010IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL8010IUZ INTERSIL-ISL8010IUZ Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010IUZ RENESAS-ISL8010IUZ Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010IUZ-T13 INTERSIL-ISL8010IUZ-T13 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010IUZ-T13 RENESAS-ISL8010IUZ-T13 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010IUZ-T7 INTERSIL-ISL8010IUZ-T7 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
More results

Similar Description - ISL8010IUZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL7530 INTERSIL-EL7530 Datasheet
476Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
ISL8010 RENESAS-ISL8010 Datasheet
699Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL8010 INTERSIL-ISL8010 Datasheet
543Kb / 12P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
EL7530 INTERSIL-EL7530_06 Datasheet
323Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7530 RENESAS-EL7530 Datasheet
638Kb / 11P
   Monolithic 600mA Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
EL7531 INTERSIL-EL7531_06 Datasheet
344Kb / 11P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
EL7531 INTERSIL-EL7531 Datasheet
492Kb / 10P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
ISL97536 INTERSIL-ISL97536 Datasheet
258Kb / 9P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Renesas Technology Corp
EL7531 RENESAS-EL7531 Datasheet
682Kb / 12P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
logo
Intersil Corporation
ISL97536 INTERSIL-ISL97536_07 Datasheet
230Kb / 8P
   Monolithic 1A Step-Down Regulator with Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com